Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 2 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 2 Page - Texas Instruments

  ADS5484 Datasheet HTML 1Page - Texas Instruments ADS5484 Datasheet HTML 2Page - Texas Instruments ADS5484 Datasheet HTML 3Page - Texas Instruments ADS5484 Datasheet HTML 4Page - Texas Instruments ADS5484 Datasheet HTML 5Page - Texas Instruments ADS5484 Datasheet HTML 6Page - Texas Instruments ADS5484 Datasheet HTML 7Page - Texas Instruments ADS5484 Datasheet HTML 8Page - Texas Instruments ADS5484 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 33 page
background image
ADS5484
ADS5485
SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009 ............................................................................................................................................... www.ti.com
This integrated circuit can be damaged by ESD. Texas Instruments recommends that all integrated circuits be handled with
appropriate precautions. Failure to observe proper handling and installation procedures can cause damage.
ESD damage can range from subtle performance degradation to complete device failure. Precision integrated circuits may be more
susceptible to damage because very small parametric changes could cause the device not to meet its published specifications.
Table 1. PACKAGE/ORDERING INFORMATION(1)
SPECIFIED
PACKAGE
PACKAGE
ORDERING
TRANSPORT
PRODUCT
PACKAGE-LEAD
TEMPERATURE
DESIGNATOR
MARKING
NUMBER
MEDIA, QUANTITY
RANGE
ADS5484IRGCT
Tape and reel, 250
ADS5484
QFN-64
RGC
–40°C to 85°C
AZ5484
ADS5484IRGCR
Tape and reel, 2000
ADS5485IRGCT
Tape and reel, 250
ADS5485
QFN-64
RGC
–40°C to 85°C
AZ5485
ADS5485IRGCR
Tape and reel, 2000
(1)
For the most current product and ordering information see the Package Option Addendum located at the end of this document, or see
the TI website at www.ti.com..
2
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com