Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 27 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 27 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 23Page - Texas Instruments ADS5484 Datasheet HTML 24Page - Texas Instruments ADS5484 Datasheet HTML 25Page - Texas Instruments ADS5484 Datasheet HTML 26Page - Texas Instruments ADS5484 Datasheet HTML 27Page - Texas Instruments ADS5484 Datasheet HTML 28Page - Texas Instruments ADS5484 Datasheet HTML 29Page - Texas Instruments ADS5484 Datasheet HTML 30Page - Texas Instruments ADS5484 Datasheet HTML 31Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 27 / 33 page
background image
fIN − Input Frequency − MHz
−120
−100
−80
−60
−40
−20
0
0.1
10
1k
G067
1
100
AVDD3V
DVDD3V
AVDD5V
ADS5484
ADS5485
www.ti.com ............................................................................................................................................... SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009
Power Supplies and Sleep Modes
The ADS548x uses three power supplies. For the analog portion of the design, a 5-V and 3.3-V supply (AVDD5
and AVDD3) are used, while the digital portion uses a 3.3-V supply (DVDD3). The use of low-noise power
supplies with adequate decoupling is recommended. Linear supplies are preferred to switched supplies; switched
supplies generate more noise that can be coupled to the ADS548x. However, the PSRR value and plot shown in
Figure 46 were obtained without bulk supply decoupling capacitors. When bulk (0.1-
μF) decoupling capacitors
are used near the supply pins, the board-level PSRR is much higher than the stated value for the ADC. The user
may be able to supply power to the device with a less-than-ideal supply and still achieve good performance. It is
not possible to make a single recommendation for every type of supply and level of decoupling for all systems. If
the noise characteristics of the available supplies are understood, a study of the PSRR data for the ADS548x
may provide the user with enough information to select noisy supplies if the performance is still acceptable within
the frequency range of interest. The power consumption of the ADS548x does not change substantially over
clock rate or input frequency.
Figure 46. PSRR versus Supply Injected Frequency
Two separate sleep modes are offered. They are differentiated by the amount of power consumed and the time it
takes for the ADC to wake-up from sleep. The light sleep mode consumes 605 mW and can be used when
wake-up of less than 600
μs is required. Deep sleep consumes 70 mW and requires 6 ms to wake-up. See the
wake-up characteristic in Figure 27. For directions on enabling these modes, see Table 5. The input clock can be
in either state when the power-down modes are enabled. The device can enter power-down mode whether using
an internal or external reference. However, the wake-up time from light sleep enabled to external reference mode
is dependent on the external reference voltage and is not necessarily 0.6 ms, but should be noticeably faster
than deep sleep wake-up. No specific power sequences are required.
Table 5. Power-Down and Reference Modes
MODE
PDWNF PIN
PDWNS PIN
POWER CONSUMPTION
WAKE-UP TIME
ADC On - Internal reference
Low
Low
2.16 W
On
ADC On - External reference
High
High
2.16 W
On
Light sleep
High
Low
600 mW when enabled
0.6 ms
Deep sleep
Low
High
70 mW when enabled
6 ms
Copyright © 2008–2009, Texas Instruments Incorporated
Submit Documentation Feedback
27
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com