Electronic Components Datasheet Search
  English  ▼

X  

ADS5484 Datasheet(PDF) 16 Page - Texas Instruments

Click here to check the latest version.
Part # ADS5484
Description  16-Bit, 170/200-MSPS Analog-to-Digital Converters
PDF  33 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

ADS5484 Datasheet(HTML) 16 Page - Texas Instruments

Back Button ADS5484 Datasheet HTML 12Page - Texas Instruments ADS5484 Datasheet HTML 13Page - Texas Instruments ADS5484 Datasheet HTML 14Page - Texas Instruments ADS5484 Datasheet HTML 15Page - Texas Instruments ADS5484 Datasheet HTML 16Page - Texas Instruments ADS5484 Datasheet HTML 17Page - Texas Instruments ADS5484 Datasheet HTML 18Page - Texas Instruments ADS5484 Datasheet HTML 19Page - Texas Instruments ADS5484 Datasheet HTML 20Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 33 page
background image
fIN − Input Frequency − Hz
−12
−9
−6
−3
0
3
10M
100M
1G
G033
ADS5484
ADS5483
ADS5481
ADS5482
ADS5485
Output Code
0
2
4
6
8
10
12
14
16
18
G034
fs = 170 MSPS for ADS5484
fs = 200 MSPS for ADS5485
Analog Inputs Shorted to VCM
ADS5484
ADS5485
t − time − ms
0
10
20
30
40
50
60
70
80
90
0
1
2
3
4
5
6
7
8
9
10
G066
PDWNF
PDWNS
fS = 135 MSPS
fIN = 10 MHz
PDWNF and PDWNS Tested Independently
PDWNx Disabled at 0 ms
PDWNx Enabled at
≈ 8 ms
fIN − Input Frequency − MHz
−80
−70
−60
−50
−40
−30
−20
−10
0
0.1
10
1k
G054
1
100
ADS5484
ADS5485
SLAS610C – AUGUST 2008 – REVISED OCTOBER 2009 ............................................................................................................................................... www.ti.com
TYPICAL CHARACTERISTICS (continued)
At TA = 25°C, sampling rate = max rated, 50% clock duty cycle, 3-VPP differential sinusoidal clock, analog input amplitude =
–1 dBFS, AVDD5 = 5 V, AVDD3 = 3.3 V, and DVDD3 = 3.3 V, unless otherwise noted.
Typical Data, Valid for Both ADS5484/5485
Plots in this section are valid for either device or otherwise have combined plots.
NORMALIZED GAIN RESPONSE
vs
INPUT FREQUENCY
NOISE HISTOGRAM WITH INPUTS SHORTED
Figure 24.
Figure 25.
CMRR
vs
COMMON-MODE INPUT FREQUENCY
ADC WAKE-UP TIME
Figure 26.
Figure 27.
16
Submit Documentation Feedback
Copyright © 2008–2009, Texas Instruments Incorporated
Product Folder Link(s): ADS5484 ADS5485



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com