Electronic Components Datasheet Search
  English  ▼

X  

TS68230CP10 Datasheet(PDF) 14 Page - STMicroelectronics

Part # TS68230CP10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CP10 Datasheet(HTML) 14 Page - STMicroelectronics

Back Button TS68230CP10 Datasheet HTML 10Page - STMicroelectronics TS68230CP10 Datasheet HTML 11Page - STMicroelectronics TS68230CP10 Datasheet HTML 12Page - STMicroelectronics TS68230CP10 Datasheet HTML 13Page - STMicroelectronics TS68230CP10 Datasheet HTML 14Page - STMicroelectronics TS68230CP10 Datasheet HTML 15Page - STMicroelectronics TS68230CP10 Datasheet HTML 16Page - STMicroelectronics TS68230CP10 Datasheet HTML 17Page - STMicroelectronics TS68230CP10 Datasheet HTML 18Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 61 page
background image
5. H2(H4) may be an output pin in the pulsed in-
put handshake protocol. It is asserted exactly
as in the interlocked input protocol, but never
remains asserted longer than four clock cy-
cles. Typically, a four clock cycle pulse is ge-
nerated. But in the case that a subsequent
H1(H3) asserted edge occurs before termina-
tion of the pulse, H2(H4) is negated asynchro-
nously. Thus, anytime after the leading edge of
the H2(H4) pulse, new data may be entered in
the PI/T double-buffered input latches. The
H2S(H4S) status bit is always zero. When H12
enable (H34 enable) is zero, H2(H4) is held ne-
gated.
2.1.3. DOUBLE-BUFFERED OUTPUT TRANS-
FERS. The PI/T supports double-buffered output
transfers in all modes. Data, written by the bus mas-
ter to the PI/T, is stored in the port’s output latch. The
peripheral accepts the data by asserting H1(H3),
which causes the next data to be moved to the port’s
output latch as soon as it is available. The function
of H2(H4) is programmable ; it may indicate whether
data has been moved to the output latch or it may
serve other purposes. The H1S(H3S) status bit may
be programmed for two interpretations. First, the
status bit is a one when there is at least one latch in
the double-buffered data path that can accept new
data. After writing one byte/word of data to the ports,
an interrupt service routine could check this bit to de-
termine if it could store another byte/word, thus filling
both latches. Second, when the bus master is finis-
hed, it is often useful to be able to check whether all
of the data has been transferred to the peripheral.
The H1S(H3S) status bit is set when both output
latches are empty. The programmable options of the
H2(H4) pin are given below, depending on the
mode.
1. H2(H4) may be an edge-sensitive input pin in-
dependent of H1(H3) and the transfer of port
data. On the asserted edge of H2(H4), the
H2S(H4S) status bit is set. It is cleared by the
direct method (refer to 2.3 Direct Method of
Resetting Status), the RESET pin being as-
serted, or when the H12 enable (H34 enable)
bit of the port general control register is zero.
2. H2(H4) may be a general-purpose output pin
that is always zero.
3. H2(H4) may be a general-purpose output pin
that is always asserted. The H2S(H4s) status
bit is always zero.
4. H2(H4) may be an output pin in the interlocked
output handshake protocol. H2(H4) is asser-
ted two clock cycles after data is transferred to
the double-buffered output latches. The data
remains stable and H2(H4) remains asserted
until the next asserted edge of the H1(H3) in-
put. At that time, H2(H4) is asynchronously ne-
gated. As soon as the next data is available, it
is transferred to the output latches and H2(H4)
is asserted. When H2(H4) is negated, asser-
ted transitions on H1(H3) have no effect on the
data paths. As is explained later, however, in
modes 2 and 3 H1 does control the three-state
output buffers of the bidirectional port(s). The
H2S(H4S) status bit is always zero. When H12
enable (H34 enable) is zero, H2(H4) is held ne-
gated.
Figure 2.1 : Double-Buffered Input Transfers Timing Diagram.
TS68230
14/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com