Electronic Components Datasheet Search
  English  ▼

X  

TS68230CP10 Datasheet(PDF) 41 Page - STMicroelectronics

Part # TS68230CP10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CP10 Datasheet(HTML) 41 Page - STMicroelectronics

Back Button TS68230CP10 Datasheet HTML 37Page - STMicroelectronics TS68230CP10 Datasheet HTML 38Page - STMicroelectronics TS68230CP10 Datasheet HTML 39Page - STMicroelectronics TS68230CP10 Datasheet HTML 40Page - STMicroelectronics TS68230CP10 Datasheet HTML 41Page - STMicroelectronics TS68230CP10 Datasheet HTML 42Page - STMicroelectronics TS68230CP10 Datasheet HTML 43Page - STMicroelectronics TS68230CP10 Datasheet HTML 44Page - STMicroelectronics TS68230CP10 Datasheet HTML 45Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 61 page
background image
counter preload register or continues counting when zero detect is reached ; bit 3 is unused and is read as zero
; bits 2 and 1 configure the path from the CLK and TIN pins to the counter controller ; and bit 0 ena-bles the timer.
This register is readable and writable at all times. All bits are cleared to zero when the RESET pin is asserted.
TCR
7 6 5
TOUT/TIACK Control
0 0 X
The dual-function pins PC3/TOUT and PC7/TIACK carry the port C function.
0 1 X
The dual-function pin PC3/TOUT carries the TOUT function. In the run state it is used as a square-
wave output and is toggled on zero detect. The TOUT pin is high while in the halt state. The dual-
function pin PC7/TIACK carries the PC7 function.
1 0 0
The dual-function pin PC3/TOUT carries the TOUT function. In the run or halt state it is used as
a timer interrupt request output. The timer interrupt is disabled, thus, the pin is always three stated.
The dual-function pin PC7/TIACK carries the TIACK function ; however, since interrupt request is
negated, the PI/T produces no response (i.e., no data or DTACK) to an asserted TIACK. Refer to
5.1.3. Timer Interrupt Acknowledge Cycles for details.
1 0 1
The dual-function pin PC3/TOUT carries the TOUT function and is used as a timer interrupt request
output. The timer interrupt is enabled ; thus, the pin is low when the timer ZDS status bit is one.
The dual-function pin PC7/TIACK carries the TIACK function and is used as a timer interrupt ac-
knowledge input. Refer to the 5.1.3. Timer Interrupt Acknowledge Cycles for details. This combi-
nation supports vectored timer interrupts.
1 1 0
The dual-function pin PC3/TOUT function. In the run or halt state it is used as a timer interrupt
request output. The timer interrupt is disabled ; thus, the pin is always three-stated. The dual-func-
tion pin PC7/TIACK carries the PC7 function.
1 1 1
The dual-function pin PC3/TOUT carries the TOUT function and is used as a timer interrupt request
output. The timer interrupt is enabled ; thus, the pin is low when the timer ZDS status bit is one.
The dual-function pin PC7/TIACK carries the PC7 function and autovectored interrupts are sup-
ported.
TCR
4
Zero Detect Control
0
The counter is loaded from the counter preload register on the first clock to the 24-bit counter after
zero detect, then resumes counting.
1
The counter rolls over on zero detect, then continues counting.
TCR
3
Unused and is always read as zero.
TCR
2 1
Clock Control
0 0
The PC2/TIN input pin carries the port C function, and the CLK pin and prescaler are used. The
prescaler is decremented on the falling transition of the CLK pin ; the 24-bit counter is decremented,
rolls over, or is loaded from the counter preload registers when the prescaler rolls over from $OO
to $1F. The timer enable bit determines whether the timer is in the run or halt state.
0 1
The PC2/TIN pin serves as a timer input, and the CLK pin and prescaler are used. The prescaler
is decremented on the falling transition of the CLK pin ; the 24-bit counter is decremented, rolls
over, or is loaded from the counter preload registers when the prescaler rolls over from $00 to $1F.
The timer is in the run state when the timer enable bit is one and the TIN pin is high ; otherwise,
the timer is in the halt state.
1 0
The PC2/TIN pin serves as a timer input and the prescaler is used. The prescaler is decremented
TS68230
41/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com