Electronic Components Datasheet Search
  English  ▼

X  

TS68230CP10 Datasheet(PDF) 52 Page - STMicroelectronics

Part # TS68230CP10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CP10 Datasheet(HTML) 52 Page - STMicroelectronics

Back Button TS68230CP10 Datasheet HTML 48Page - STMicroelectronics TS68230CP10 Datasheet HTML 49Page - STMicroelectronics TS68230CP10 Datasheet HTML 50Page - STMicroelectronics TS68230CP10 Datasheet HTML 51Page - STMicroelectronics TS68230CP10 Datasheet HTML 52Page - STMicroelectronics TS68230CP10 Datasheet HTML 53Page - STMicroelectronics TS68230CP10 Datasheet HTML 54Page - STMicroelectronics TS68230CP10 Datasheet HTML 55Page - STMicroelectronics TS68230CP10 Datasheet HTML 56Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 61 page
background image
6.6. AC ELECTRICAL SPECIFICATIONS
(VCC = 5.0Vdc ± 5%, VSS = 0Vdc, TA =TL to TH unless otherwise noted)
Peripheral Input Timings (figures 6.4)
8MHz
10MHz
Number
Parameter
Min.
Max.
Min.
Max.
Unit
14
Port Input Data Valid to H1(H3) Asserted (setup time)
100
60
ns
15
H1(H3) Asserted to Port Input Data Invalid (hold time)
20
20
ns
16
Handshake Input H1(H4) Pulse Width Asserted
40
40
ns
17
Handshake Input H1(H4) Pulse Width Negated
40
40
ns
18
H1(H3) Asserted to H2(H4) Negated (delay time)
150
120
ns
19
CLK Low to H2(H4) Asserted (delay time)
100
100
ns
20
(1 )
H2(H4) Asserted to H1(H3) Asserted
0
0
ns
21
(2 )
CLK Low to H2(H4) Pulse Negated (delay time)
125
125
ns
22
(3 . 4 )
Synchronized H1(H3) to CLK low on which DMAREQ is asserted
2.5
3.5
2.5
3.5
CLK Per
23
CLK low on which DMAREQ is asserted to CLK low on which
DMAREQ is negated
2.5
3
2.5
3
CLK Per
30
(5 )
H1(H3) Asserted to CLK High (setup time)
50
40
ns
33
(3 . 4 )
Synchronized H1(H3) to CLK low on which H2(H4) is asserted
3.5
4.5
3.5
4.5
CLK Per
35
CLK Low to DMAREQ Low (delay time)
0
120
0
100
ns
36
CLK Low to DMAREQ High (delay time)
0
120
0
100
ns
If these two signals are derived from different sources they will have different instantaneous frequency variations. In
this case the frequency applied to the TIN pin must be distinctly less than the frequency at the CLK pin to avoid lost
cycles of the TIN signal. With signals derived from different crystal oscillators applied to the TIN and CLK pins with
fast rise and fall times, the TIN frequency can approach 80 to 90% of the frequency of the CLK signal without a loss
of a cycle of the TIN signal.
If these signals are derived from the same frequency source then the frequency of the signal applied to TIN can be
100% of the frequency at the CLK pin. They may be generated by different buffers from the same signal or one
may be an inverted version of the other. The TIN signal may be generated by an ’AND’ function of the clock and a
control signal.
TS68230
52/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com