Electronic Components Datasheet Search
  English  ▼

X  

TS68230CP10 Datasheet(PDF) 32 Page - STMicroelectronics

Part # TS68230CP10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CP10 Datasheet(HTML) 32 Page - STMicroelectronics

Back Button TS68230CP10 Datasheet HTML 28Page - STMicroelectronics TS68230CP10 Datasheet HTML 29Page - STMicroelectronics TS68230CP10 Datasheet HTML 30Page - STMicroelectronics TS68230CP10 Datasheet HTML 31Page - STMicroelectronics TS68230CP10 Datasheet HTML 32Page - STMicroelectronics TS68230CP10 Datasheet HTML 33Page - STMicroelectronics TS68230CP10 Datasheet HTML 34Page - STMicroelectronics TS68230CP10 Datasheet HTML 35Page - STMicroelectronics TS68230CP10 Datasheet HTML 36Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 61 page
background image
cles. Typically, a four clock cycle pulse is ge-
nerated. But in the case that a subsequent H1
asserted edge occurs before termination of the
pulse, H2 is negated asynchronously. Thus,
anytime after the leading edge of the H2 pulse,
new data may be transferred to the double-
buffered output latches. The H2S status bit is
always clear. When H12 enable is clear, H2 is
held negated.
The DMAREQ pin may be associated with either in-
put transfers (H3) or output transfers (H1), but not
both. Refer to table 3.4 for a summary of the port B
data register responses in mode 2.
Programmable Options Mode 2 - Port A Submode XX and Port B Submode XX
Table 3.4 : Mode 2 Port B Data Paths.
Mode
Read Port B Data Register
Write Port B Data Register
2
FIL, D. B.
IOL/FOL, D. B.
Abbreviations :
IOL - Initial Output Latch
FOL - Final Output Latch
FIL - Final Input Latch
D. B. - Double Buffered
PACR
7 6
Port A Submode
X X
Submode XX.
PACR
5 4 3
H2 Control
X X 0
Output pin - interlocked output handshake protocol, H2S is always cleared.
X X 1
Output pin - pulsed output handshake protocol, H2S is always cleared.
PACR
2
H2 Interrupt Enable
0
The H2 interrupt is disabled.
1
The H2 interrupt is enabled.
PACR
1
H1 SVCRQ Enable
0
The H1 interrupt and DMA request are disabled.
1
The H1 interrupt and DMA request are enabled.
PACR
0
H1 Status Control
0
The H1 status bit is set when either the port B initial or final output latch can accept new data. It
is clear when both latches are full and cannot accept new data.
1
The H1S status bit is set when both of the port B output latches are empty. It is clear when at
least one latch is full.
PBCR
7 6
Port B Submode
X X
Submode XX.
TS68230
32/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com