Electronic Components Datasheet Search
  English  ▼

X  

TS68230CP10 Datasheet(PDF) 23 Page - STMicroelectronics

Part # TS68230CP10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CP10 Datasheet(HTML) 23 Page - STMicroelectronics

Back Button TS68230CP10 Datasheet HTML 19Page - STMicroelectronics TS68230CP10 Datasheet HTML 20Page - STMicroelectronics TS68230CP10 Datasheet HTML 21Page - STMicroelectronics TS68230CP10 Datasheet HTML 22Page - STMicroelectronics TS68230CP10 Datasheet HTML 23Page - STMicroelectronics TS68230CP10 Datasheet HTML 24Page - STMicroelectronics TS68230CP10 Datasheet HTML 25Page - STMicroelectronics TS68230CP10 Datasheet HTML 26Page - STMicroelectronics TS68230CP10 Datasheet HTML 27Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 61 page
background image
PBCR
2
H4 Interrupt Enable
0
The H4 interrupt is disabled.
1
The H4 interrupt is enabled.
PBCR
1
H3 SVCRQ Enable
0
The H3 interrupt and DMA request are disabled.
1
The H3 interrupt and DMA request are enabled.
PBCR
0
H3 Status Control
0
The H3S status bit is set when either the port B initial or final output latch can accept new data.
It is clear when both latches are full and cannot accept new data.
1
The H3S status bit is one when both of the port B output latches are empty. It is clear when at
least one latch is full.
3.3.3. SUBMODE 1X - BIT I/O (PIN-DEFINABLE
SINGLE-BUFFERED OUTPUT OR NON-LAT-
CHED INPUT). In mode 0, simple bit I/O is available
by programming submode 1X in the desired port’s
control register. This submode is intended for appli-
cations in which several independent devices must
be controlled or monitored. Data written to the as-
sociated (input/output) register is single buffered. If
the data direction register bit for that pin is a one
(output), the output buffer is enabled. If it is a zero
(input) data written is still latched, but is not available
at the pin. Data read from the data register is the in-
stantaneous value of the pin or what was written to
the data register, depending on the contents of the
data direction register. H1(H3) is an edge-sensitive
status input pin only and it controls no data related
function. The H1S(H3S) status bit is set following the
asserted edge of the input waveform. It is cleared by
either the RESET pin being asserted, writing a one
to the associated status bit in the port status register
(PSR), or when the H12 enable (H34 enable) bit of
the port general control register is clear. H2 may be
programmed as :
1. H2(H4) may be an edge-sensitive status input
that is independent of H1(H3) and the transfer
of port data. On the asserted edge of H2(H4),
the H2S(H4S) status bit is set. It is cleared by
either the RESET pin being asserted, writing a
one to the particular status bit in the port status
register (PSR), or when the H12 enable (H34
enable) bit of the port general control register
is clear.
2. H2(H4) may be a general-purpose output pin
that is always negated. In this case the
H2S(H4S) status bit is always clear.
3. H2(H4) may be a general-purpose output pin
that is always asserted. In this case the
H2S(H4S) status bit is always clear.
Programmable Options Mode 0 - Port A Submode 01 and Port B Submode 01 (continued)
TS68230
23/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com