Electronic Components Datasheet Search
  English  ▼

X  

TS68230CFN10 Datasheet(PDF) 29 Page - STMicroelectronics

Part # TS68230CFN10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CFN10 Datasheet(HTML) 29 Page - STMicroelectronics

Back Button TS68230CFN10 Datasheet HTML 25Page - STMicroelectronics TS68230CFN10 Datasheet HTML 26Page - STMicroelectronics TS68230CFN10 Datasheet HTML 27Page - STMicroelectronics TS68230CFN10 Datasheet HTML 28Page - STMicroelectronics TS68230CFN10 Datasheet HTML 29Page - STMicroelectronics TS68230CFN10 Datasheet HTML 30Page - STMicroelectronics TS68230CFN10 Datasheet HTML 31Page - STMicroelectronics TS68230CFN10 Datasheet HTML 32Page - STMicroelectronics TS68230CFN10 Datasheet HTML 33Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 61 page
background image
The H3S status bit may be programmed for two in-
terpretations :
1. The H3S status bit is set when either the port
initial or final output latch can accept new data.
It is clear when both latches are full and cannot
accept new data.
2. The H3S status bit is set when both of the port
output latches are empty. It is clear when at
least one latch is full.
The programmable options of the H2 pin are :
1. H2 may be an edge-sensitive input pin inde-
pendent of H1 and the transfer of port data. On
the asserted edge of H2, the H2S status bit is
set. It is cleared by either the RESET pin being
asserted, writing a one to the particular status
bit in the port status register (PSR), or when the
H12 enable bit of the port general control re-
gister is clear.
2. H2 may be a general-purpose output pin that
is always negated. The H2S status bit is al-
ways clear.
3. H2 may be a general-purpose output pin that
is always asserted. The H2S status bit is al-
ways clear.
For pins used as inputs, data written to either data
register is double buffered and passed to the initial
or final output latch, as usual, but the output buffer
is disabled (refer to 3.3.2. Submode 01 - Pin-Defi-
nable Double-Buffered Output or Non-Latched
Input).
Programmable Options Mode 1 - Port A Submode XX and Port B Submode X1
PACR
7 6
Port A Submode
0 0
Submode XX.
PACR
5 4 3
H2 Control
0 X X
Input pin - edge-sensitive status input, H2S is set on an asserted edge.
1 X 0
Output pin - negated, H2S is always cleared.
1 X 1
Output pin - asserted, H2S is always cleared.
PACR
2
H2 Interrupt Enable
0
The H2 interrupt is disabled.
1
The H2 interrupt is enabled.
PACR
1
H1 SVCRQ Enable
0
The H1 interrupt is disabled.
1
The H1 interrupt is enabled.
PACR
0
H1 Status Control
X
H1 is an edge-sensitive status input. H1S is set by an asserted edge of H1.
PBCR
7 6
Port B Submode
0 0
Submode X1.
TS68230
29/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com