Electronic Components Datasheet Search
  English  ▼

X  

TS68230CFN10 Datasheet(PDF) 42 Page - STMicroelectronics

Part # TS68230CFN10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CFN10 Datasheet(HTML) 42 Page - STMicroelectronics

Back Button TS68230CFN10 Datasheet HTML 38Page - STMicroelectronics TS68230CFN10 Datasheet HTML 39Page - STMicroelectronics TS68230CFN10 Datasheet HTML 40Page - STMicroelectronics TS68230CFN10 Datasheet HTML 41Page - STMicroelectronics TS68230CFN10 Datasheet HTML 42Page - STMicroelectronics TS68230CFN10 Datasheet HTML 43Page - STMicroelectronics TS68230CFN10 Datasheet HTML 44Page - STMicroelectronics TS68230CFN10 Datasheet HTML 45Page - STMicroelectronics TS68230CFN10 Datasheet HTML 46Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 61 page
background image
following the rising transition of the TIN pin after being synchronized with the internal clock. The
24-bit counter is decremented, rolls over, or is loaded from the counter preload registers when the
prescaler rolls over from $00 to $1F. The timer enable bit determines whether the timer is in the
run or halt state.
1 1
The PC2/TIN pin serves as a timer input and the prescaler is not used. The 24-bit counter is de-
cremented, rolls over, or is loaded from the counter preload registers following the rising edge of
the TIN pin after being synchronized with the internal clock. The timer enable bit determines whe-
ther the timer is in the run or halt state.
TCR
0
Timer Enable
0
Disabled
1
Enabled
4.10. TIMER INTERRUPT VECTOR REGISTER
(TIVR)
The timer interrupt vector register contains the 8-bit
vector supplied when the timer interrupt acknow-
ledge pin TIACK is asserted. The register is reada-
ble and writable at all times, and the same value is
always obtained from a normal read cycle or a timer
interrupt acknowledge bus cycle (TIACK). When the
RES
E
T
pin is asserted the value of $0F is loaded into the re-
gister. Refer to 5.1.3. Timer Interrupt Acknow-
ledge Cycles for more details.
4.11. COUNTER PRELOAD REGISTER H, M, L
(CPRH-L)
The counter preload registers are a group of three
8-bit registers used for storing data to be transferred
to the counter. Each of the registers is individually
addressable, or the group may be accessed with the
MOVEP.L or the MOVEP.W instructions. The ad-
dress $12 (one less than the address of CPRH) is
the null register and is reserved so that zeros are
read in the upper eight bits of the destination data
register when a MOVEP.L is used. Data written to
this address is ignored.
These registers are readable and writable at all
times. A read cycle proceeds independently of any
transf
e
r to the counter, which may be occurring simulta-
neously. To insure proper operation of the PI/T ti-
mer, a value of $000000 may not be stored in the
counter preload registers for use with the counter.
The RESET pin does not affect the contents of these
registers.
4.12. COUNT REGISTER H, M, L (CNTRH-L)
The count registers are a group of three 8-bit ad-
dresses at which the counter can be read. The
contents of the counter are not latched during a read
bus cycle ; thus, the data read at these addresses
is not guaranteed if the timer is in the run state. Write
o
perations to these addresses result in a normal bus
cycle but the data is ignored.
Each of the registers is individually addressable, or the
group may be accessed with the MOVEP.L or the MO-
VEP.W instructions. The address, one less than the
address CNTRH, is the null register and is reserved
so that zeros are read in the upper eight bits of the des-
tination data register when a MOVEP.L is used. Data
written to this address is ignored.
4.13. TIMER STATUS REGISTER (TSR)
The timer status register contains one bit from which
the zero detect status can be determined. The ZDS
status bit (bit 0) is an edge-sensitive flip-flop that is
set to one when the 24-bit counter decrements from
$000001 to $000000. The ZDS status bit is cleared
to zero following the direct reset operation or when
the timer is halted. Note that when the RESET pin
is asserted the timer is disabled, and thus enters the
halt state.
This register is always readable without conse-
quence. A write access performs a direct reset ope-
ration if bit 0 in the written data is one. Following that,
7
65432
10
Bit
23
Bit
Bit
22
Bit
Bit
21
Bit
Bit
20
Bit
Bit
19
Bit
Bit
18
Bit
Bit
17
Bit 9
Bit
16
Bit 8
CPRH
CPRM
CPRL
7
6
5
4321
0
Bit
23
Bit
Bit
22
Bit
Bit
21
Bit
Bit
20
Bit
Bit
19
Bit
Bit
18
Bit
Bit
17
Bit 9
Bit
16
Bit 8
76
5
4
3
2
1
0
*
**
*
**
ZDS
*
CNTRH
CPRM
CPRL
TS68230
42/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com