Electronic Components Datasheet Search
  English  ▼

X  

TS68230CFN10 Datasheet(PDF) 48 Page - STMicroelectronics

Part # TS68230CFN10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CFN10 Datasheet(HTML) 48 Page - STMicroelectronics

Back Button TS68230CFN10 Datasheet HTML 44Page - STMicroelectronics TS68230CFN10 Datasheet HTML 45Page - STMicroelectronics TS68230CFN10 Datasheet HTML 46Page - STMicroelectronics TS68230CFN10 Datasheet HTML 47Page - STMicroelectronics TS68230CFN10 Datasheet HTML 48Page - STMicroelectronics TS68230CFN10 Datasheet HTML 49Page - STMicroelectronics TS68230CFN10 Datasheet HTML 50Page - STMicroelectronics TS68230CFN10 Datasheet HTML 51Page - STMicroelectronics TS68230CFN10 Datasheet HTML 52Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 61 page
background image
SECTION 6
ELECTRICAL SPECIFICATIONS
This section contains electrical specifications and associated timing information for the TS68230.
6.1 ABSOLUTE MAXIMUM RATINGS
Symbol
Parameter
Value
Unit
VCC
Supply Voltage
– 0.3 to + 7.0
V
VIN
Input Voltage
– 0.3 to + 7.0
V
T A
Operating Temperature Range
TS68230C
TS68230V
T L to T H
0to + 70
– 40to+ 85
°C
T stg
Storage Temperature
– 55 to + 150
°C
This device contains circuitry to protect the inputs against damage due to high static voltages or electric fields ; however, it is
advised that normal precautions be taken to avoid application of any voltage higher than maximum-rated voltages to this high-
6.2 THERMAL DATA
θJA
Thermal Resistance Plastic
50
°C/W
impedance circuit. Reliability of operation is enhanced if unu-
sed inputs are tied to an appropriate logic voltage level (e.g.,
either VSS or VCC).
6.3. POWER CONSIDERATIONS
The average chip-junction temperature, TJ, in
°C
can be obtained from :
TJ = TA + (PD
• θ JA)
Where :
TA = Ambient Temperature,
°C
θJA = Package Thermal Resistance, Junction-to-
Ambient,
°C/W
PD = PINT + PI/O
PINT = ICC x VCC, Watts - Chip Internal Power
PI/O = Power Dissipation on Input and Output Pins
-User Determined
For most applications PI/O < PINT and can be neglec-
ted.
An approximate relationship between PD and TJ (if
PI/O is neglected) is :
PD = K (TJ + 273
°C)
Solving equations 1 and 2 for K gives :
K = PD
• (TA + 273°C) + θJA • PD2
Where K is a constant pertaining to the particular
part. K can be determined from equation 3 by mea-
suring PD (at equilibrium) for a known TA. Using this
value of K the values of PD and TJ can be obtained
TS68230
48/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com