Electronic Components Datasheet Search
  English  ▼

X  

TS68230CFN10 Datasheet(PDF) 46 Page - STMicroelectronics

Part # TS68230CFN10
Description  HMOS PARALLEL INTERFACE/TIMER
PDF  61 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  STMICROELECTRONICS [STMicroelectronics]
Direct Link  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

TS68230CFN10 Datasheet(HTML) 46 Page - STMicroelectronics

Back Button TS68230CFN10 Datasheet HTML 42Page - STMicroelectronics TS68230CFN10 Datasheet HTML 43Page - STMicroelectronics TS68230CFN10 Datasheet HTML 44Page - STMicroelectronics TS68230CFN10 Datasheet HTML 45Page - STMicroelectronics TS68230CFN10 Datasheet HTML 46Page - STMicroelectronics TS68230CFN10 Datasheet HTML 47Page - STMicroelectronics TS68230CFN10 Datasheet HTML 48Page - STMicroelectronics TS68230CFN10 Datasheet HTML 49Page - STMicroelectronics TS68230CFN10 Datasheet HTML 50Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 61 page
background image
Figure 5.3 : Single Interrupt after Timeout Example.
5.2.4. ELAPSED TIME MEASUREMENT EXAM-
PLES. Elapsed time measurement takes several
forms ; two forms are described in the following
paragraphs.
5.2.4.1. System Clock Example.
This configuration allows time interval measure-
ment by software. The TIN pin may be used as an
external timer enable if desired.
The processor loads the counter preload registers
(generally with all ones), loads the timer control re-
gister, and then enables the timer. The counter is al-
lowed to decrement until the ending event takes
place. When it is desired to read the time interval, the
processor must halt the timer and then read the
counter. If TIN is used as an enable, the start and
stop counter functions are controlled externally.
For applications in which the interval may exceed
the programmed time interval, zero detection can be
counted by polling the status register or through in-
terrupts to simulate additional timer bits. Note that
the ZDS bit is latched and should be cleared after
each detection of zero. At the end, the timer can be
halted and read (see figure 5.4).
76
5
4
32
1
0
Timer
Enable
TOUT/TIACK
Control
*
Z.D
Control
Clock
Control
0
0
X
1
0
0
0 Changed
Figure 5.4 : Elapsed Time Measurement Example.
TS68230
46/61



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com