Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 22 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 22 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 26Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
22
3.10
eQADC Electrical Characteristics
Table 13. eQADC Conversion Specifications (TA = TL to TH)
Spec
Characteristic
Symbol
Minimum
Maximum
Unit
1
ADC clock (ADCLK) frequency 1
1 Conversion characteristics vary with F
ADCLK rate. Reduced conversion accuracy occurs at maximum FADCLK rate. The
maximum value is based on 800 KS/s and the minimum value is based on 20 MHz oscillator clock frequency divided by a
maximum 16 factor.
FADCLK
112
MHz
2
Conversion cycles
Differential
Single ended
CC
13 + 2 (15)
14 + 2 (16)
13 + 128 (141)
14 + 128 (142)
ADCLK
cycles
3
Stop mode recovery time 2
2 Stop mode recovery time begins when the ADC control register enable bits are set until the ADC is ready to perform
conversions.
TSR
10
—
μs
4
Resolution 3
3 At V
RH – VRL = 5.12 V, one least significant bit (LSB) = 1.25, mV = one count.
—1.25
—
mV
5
INL: 6 MHz ADC clock
INL6
–4
4
Counts 3
6
INL: 12 MHz ADC clock
INL12
–8
8
Counts
7
DNL: 6 MHz ADC clock
DNL6
–3 4
4 Guaranteed 10-bit mono tonicity.
3 4
Counts
8
DNL: 12 MHz ADC clock
DNL12
–6 4
6 4
Counts
9
Offset error with calibration
OFFWC
–4 5
5 The absolute value of the offset error without calibration
≤ 100 counts.
4 5
Counts
10
Full-scale gain error with calibration
GAINWC
–8 6
6 The absolute value of the full scale gain error without calibration
≤ 120 counts.
8 6
Counts
11
Disruptive input injection current 7, 8, 9, 10
7 Below disruptive current conditions, the channel being stressed has conversion values of: 0x3FF for analog inputs greater than
VRH, and 0x000 for values less than VRL. This assumes that VRH ≤ VDDA and VRL ≥ VSSA due to the presence of the sample
amplifier. Other channels are not affected by non-disruptive conditions.
8 Exceeding the limit can cause a conversion error on both stressed and unstressed channels. Transitions within the limit do not
affect device reliability or cause permanent damage.
9 Input must be current limited to the value specified. To determine the value of the required current-limiting resistor, calculate
resistance values using VPOSCLAMP = VDDA + 0.5 V and VNEGCLAMP = – 0.3 V, then use the larger of the calculated values.
10 This condition applies to two adjacent pads on the internal pad.
IINJ
–1
1
mA
12
Incremental error due to injection current. All channels are
10 k
Ω < Rs <100 kΩ
Channel under test has Rs = 10 k
Ω,
IINJ = IINJMAX, IINJMIN
EINJ
–4
4
Counts
13
Total unadjusted error (TUE) for single ended conversions
with calibration 11, 12, 13, 14, 15
11 The TUE specification is always less than the sum of the INL, DNL, offset, and gain errors due to canceling errors.
12 TUE does not apply to differential conversions.
13 Measured at 6 MHz ADC clock. TUE with a 12 MHz ADC clock is: –16 counts < TUE < 16 counts.
14 TUE includes all internal device errors such as internal reference variation (75% Ref, 25% Ref).
15 Depending on the input impedance, the analog input leakage current (Table 9. DC Electrical Specifications, spec 35a) can
affect the actual TUE measured on analog channels AN[12], AN[13], AN[14], AN[15].
TUE
–4
4
Counts



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com