Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 23 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 23 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 20Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 21Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 22Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 23Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 24Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 25Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 26Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 27Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
23
3.11
H7Fa Flash Memory Electrical Characteristics
Table 14. Flash Program and Erase Specifications (TA = TL to TH)
Spec
Flash Program Characteristic
Symbol
Min.
Typical 1
1 Typical program and erase times are calculated at 25 oC operating temperature using nominal supply values.
Initial
Max. 2
2 Initial factory condition:
≤ 100 program/erase cycles, 25 oC, using a typical supply voltage measured at a minimum system
frequency of 80 MHz.
Max. 3
3 The maximum erase time occurs after the specified number of program/erase cycles. This maximum value is characterized
but not guaranteed.
Unit
3
Doubleword (64 bits) program time 4
4 Actual hardware programming times. This does not include software overhead.
Tdwprogram
—
10
—
500
μs
4
Page program time 4
Tpprogram
—
22
44 5
5 Page size is 256 bits (8 words).
500
μs
7
16 KB block pre-program and erase time
T16kpperase
—
265
400
5000
ms
9
48 KB block pre-program and erase time
T48kpperase
—
345
400
5000
ms
10
64 KB block pre-program and erase time
T64kpperase
—
415
500
5000
ms
8
128 KB block pre-program and erase time
T128kpperase
—
500
1250
7500
ms
11
Minimum operating frequency for program and erase
operations 6
6 The read frequency of the flash can range up to the maximum operating frequency. There is no minimum read frequency
condition.
—25
—
—
—
MHz
Table 15. Flash EEPROM Module Life (TA = TL to TH)
Spec
Characteristic
Symbol
Min.
Typical 1
1 Typical endurance is evaluated at 25o C. Product qualification is performed to the minimum specification. For additional
information on the Freescale definition of typical endurance, refer to engineering bulletin EB619 Typical Endurance for
Nonvolatile Memory.
Unit
1a
Number of program/erase cycles per block for 16 KB, 48 KB, and
64 KB blocks over the operating temperature range (TJ)
P/E
100,000
—
cycles
1b
Number of program/erase cycles per block for 128 KB blocks over the
operating temperature range (TJ)
P/E
1000
100,000
cycles
2
Data retention
Blocks with 0–1,000 P/E cycles
Blocks with 1,001–100,000 P/E cycles
Retention
20
5
—
—
years



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com