Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 11 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 11 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 7Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 8Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 9Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 10Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 11Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 15Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 54 page
background image
Electrical Characteristics
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Freescale Semiconductor
11
Furthermore, when all of the PORs negate, the system clock starts to toggle, adding another large increase
of the current consumed by VRC33. If VRC33 lags VDDSYN by more than 100 mV, the increase in current
consumed can drop VDD low enough to assert the 1.5 V POR again. Oscillations are possible when the
1.5 V POR asserts and stops the system clock, causing the voltage on VDD to rise until the 1.5 V POR
negates again. All oscillations stop when VRC33 is powered sufficiently.
When powering down, VRC33 and VDDSYN have no delta requirement to each other, because the bypass
capacitors internal and external to the device are already charged. When not powering up or down, no delta
between VRC33 and VDDSYN is required for the VRC to operate within specification.
There are no power up/down sequencing requirements to prevent issues such as latch-up, excessive current
spikes, and so on. Therefore, the state of the I/O pins during power up and power down varies depending
on which supplies are powered.
Table 7 gives the pin state for the sequence cases for all pins with pad type pad_fc (fast type).
Table 8 gives the pin state for the sequence cases for all pins with pad type pad_mh (medium type) and
pad_sh (slow type).
The values in Table 7 and Table 8 do not include the effect of the weak-pull devices on the output pins
during power up.
Before exiting the internal POR state, the pins go to a high-impedance state until POR negates. When the
internal POR negates, the functional state of the signal during reset applies and the weak-pull devices
(up or down) are enabled as defined in the device reference manual. If VDD is too low to correctly
propagate the logic signals, the weak-pull devices can pull the signals to VDDE and VDDEH.
To avoid this condition, minimize the ramp time of the VDD supply to a time period less than the time
required to enable the external circuitry connected to the device outputs.
Table 7. Pin Status for Fast Pads During the Power Sequence
VDDE
VDD33
VDD
POR
Pin Status for Fast Pad Output Driver
pad_fc (fast)
Low
—
—
Asserted
Low
VDDE
Low
Low
Asserted
High
VDDE
Low
VDD
Asserted
High
VDDE
VDD33
Low
Asserted
High impedance (Hi-Z)
VDDE
VDD33
VDD
Asserted
Hi-Z
VDDE
VDD33
VDD
Negated
Functional
Table 8. Pin Status for Medium and Slow Pads During the Power Sequence
VDDEH
VDD
POR
Pin Status for Medium and Slow Pad Output Driver
pad_mh (medium) pad_sh (slow)
Low
—
Asserted
Low
VDDEH
Low
Asserted
High impedance (Hi-Z)
VDDEH
VDD
Asserted
Hi-Z
VDDEH
VDD
Negated
Functional



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com