Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 16 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 16 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 12Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 13Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 14Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 15Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 16Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 17Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 18Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 19Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 20Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
16
2 | V
DDA0 – VDDA1 | must be < 0.1 V.
3 V
PP can drop to 3.0 V during read operations.
4 If standby operation is not required, connect V
STBY to ground.
5 Applies to CLKOUT, external bus pins, and Nexus pins.
6 Maximum average RMS DC current.
7 Figure 3 shows an illustration of the I
DD_STBY values interpolated for these temperature values.
8 Average current measured on automotive benchmark.
9 Peak currents can be higher on specialized code.
10 High use current measured while running optimized SPE assembly code with all code and data 100% locked in cache
(0% miss rate) with all channels of the eMIOS and eTPU running autonomously, plus the eDMA transferring data continuously from
SRAM to SRAM. Higher currents are possible if an “idle” loop that crosses cache lines is run from cache. Write code that avoids this
condition.
11 Figure 3 shows an illustration of the I
DD_STBY values interpolated for these temperature values.
12 Power requirements for the V
DD33 supply depend on the frequency of operation, load of all I/O pins, and the voltages on the I/O
segments. Refer to Table 11 for values to calculate the power dissipation for a specific operation.
13 Power requirements for each I/O segment are dependent on the frequency of operation and load of the I/O pins on a particular I/O
segment, and the voltage of the I/O segment. Refer to Table 10 for values to calculate power dissipation for specific operation. The
total power consumption of an I/O segment is the sum of the individual power consumptions for each pin on the segment.
14 Absolute value of current, measured at V
IL and VIH.
15 Weak pullup/down inactive. Measured at V
DDE = 3.6 V and VDDEH = 5.25 V. Applies to pad types: pad_fc, pad_sh, and pad_mh.
16 Maximum leakage occurs at maximum operating temperature. Leakage current decreases by approximately one-half for each 8 oC
to 12 oC, in the ambient temperature range of 50 oC to 125 oC. Applies to pad types: pad_a and pad_ae.
17 V
SSA refers to both VSSA0 and VSSA1. | VSSA0 – VSSA1 | must be < 0.1 V.
18 Up to 0.6 V during power up and power down.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com