Electronic Components Datasheet Search
  English  ▼

X  

MPC5554 Datasheet(PDF) 36 Page - Freescale Semiconductor, Inc

Part # MPC5554
Description  Microcontroller
PDF  54 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  FREESCALE [Freescale Semiconductor, Inc]
Direct Link  http://www.freescale.com
Logo FREESCALE - Freescale Semiconductor, Inc

MPC5554 Datasheet(HTML) 36 Page - Freescale Semiconductor, Inc

Back Button MPC5554 Datasheet HTML 32Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 33Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 34Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 35Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 36Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 37Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 38Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 39Page - Freescale Semiconductor, Inc MPC5554 Datasheet HTML 40Page - Freescale Semiconductor, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 36 / 54 page
background image
MPC5554 Microcontroller Data Sheet, Rev. 3.0
Electrical Characteristics
Freescale Semiconductor
36
Figure 14. Synchronous Input Timing
3.13.5
External Interrupt Timing (IRQ Signals)
Table 23. External Interrupt Timing 1
1 IRQ timing specified at: V
DDEH = 3.0–5.25 V and TA = TL to TH.
Spec
Characteristic
Symbol
Min.
Max.
Unit
1
IRQ pulse-width low
tIPWL
3—
tCYC
2
IRQ pulse-width high
TIPWH
3—
tCYC
3
IRQ edge-to-edge time 2
2 Applies when IRQ signals are configured for rising-edge or falling-edge events, but not both.
tICYC
6—
tCYC
7
8
CLKOUT
Input
bus
7
8
Input
signal
VDDE ÷ 2
VDDE ÷ 2
VDDE ÷ 2



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com