Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 7 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 7 Page - Texas Instruments

Back Button OPA369 Datasheet HTML 3Page - Texas Instruments OPA369 Datasheet HTML 4Page - Texas Instruments OPA369 Datasheet HTML 5Page - Texas Instruments OPA369 Datasheet HTML 6Page - Texas Instruments OPA369 Datasheet HTML 7Page - Texas Instruments OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments OPA369 Datasheet HTML 10Page - Texas Instruments OPA369 Datasheet HTML 11Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 19 page
background image
25
20
15
10
5
0
-5
-10
-15
-20
-25
Temperature( C)
°
-75
100
125
-50
-25
0
25
50
75
R =10kW
L
R =100kW
L
R =100kW
L
R =10kW
L
0
2.75
2.25
1.75
1.25
0.75
0.25
-0.25
-0.75
-1.25
-1.75
-2.25
-2.75
OutputCurrent(mA)
45
5
30
10
15
20
25
35
40
+115 C
°
+85 C
°
+25 C
°
-40°C
V = 2.75V
S
±
3.0
2.5
2.0
1.5
1.0
0.5
0
Frequency(Hz)
100
1k
2k
-50
10k
1k
100
10
1
0.1
0.01
Temperature( C)
°
125
-25
0
25
50
75
100
2.5
2.0
1.5
1.0
0.5
Temperature( C)
°
-
75
100
-
50
-
25
0
25
50
75
125
Dual
Single
10M
1M
100k
10k
1k
100
10
Frequency(Hz)
0
1M
10
100
1k
10k
100k
OPA369
OPA2369
www.ti.com ............................................................................................................................................ SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008
TYPICAL CHARACTERISTICS (continued)
At TA = +25°C, VS = 5V, and RL = 100kΩ connected to VS/2, unless otherwise noted.
OUTPUT VOLTAGE
OUTPUT VOLTAGE SWING-FROM-RAIL
vs OUTPUT CURRENT
vs TEMPERATURE
Figure 13.
Figure 14.
MAXIMUM OUTPUT VOLTAGE
INPUT BIAS CURRENT
vs FREQUENCY
vs TEMPERATURE
Figure 15.
Figure 16.
OPEN-LOOP OUTPUT IMPEDANCE
QUIESCENT CURRENT vs TEMPERATURE
vs FREQUENCY
Figure 17.
Figure 18.
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
7
Product Folder Link(s): OPA369 OPA2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com