Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 1 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 1 Page - Texas Instruments

  OPA369 Datasheet HTML 1Page - Texas Instruments OPA369 Datasheet HTML 2Page - Texas Instruments OPA369 Datasheet HTML 3Page - Texas Instruments OPA369 Datasheet HTML 4Page - Texas Instruments OPA369 Datasheet HTML 5Page - Texas Instruments OPA369 Datasheet HTML 6Page - Texas Instruments OPA369 Datasheet HTML 7Page - Texas Instruments OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 19 page
background image
1
FEATURES
DESCRIPTION
APPLICATIONS
OFFSETVOLTAGE
vsCOMMON-MODEVOLTAGE
(V =1.8V)
S
Common-ModeVoltage(V)
0
0.2
0.4
0.6
0.8
1.0
1.2
1.4
1.6
1.8
Competition
OPA369
OPA369
OPA2369
www.ti.com ............................................................................................................................................ SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008
1.8V, 700nA, Zerø-Crossover
RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
2
• nanoPOWER:
The OPA369 and OPA2369 are ultra-low-power,
low-voltage
operational
amplifiers
from
Texas
–
OPA369: 800nA
Instruments designed especially for battery-powered
–
OPA2369: 700nA/ch.
applications.
• LOW OFFSET VOLTAGE: 250µV
The OPAx369 operates on a supply voltage as low as
–
ZERO-CROSSOVER
1.8V and has true rail-to-rail operation that makes it
• LOW OFFSET DRIFT: 0.4µV/°C
useful
for
a
wide
range
of
applications.
The
zerø-crossover feature resolves the problem of input
• DC PRECISION:
crossover distortion that becomes very prominent in
–
CMRR: 114dB
low voltage (< 3V), rail-to-rail input applications.
–
PSRR:106dB
In addition to microsize packages and very low
–
AOL: 134dB
quiescent current, the OPAx369 features 12kHz
• GAIN-BANDWIDTH PRODUCT: 12kHz
bandwidth, low offset drift (1.75
µV/°C, max), and low
noise 3.6
µV
PP (0.1Hz to 10Hz).
• SUPPLY VOLTAGE: 1.8V to 5.5V
• microSIZE PACKAGES:
The OPA369 (single version) is offered in an SC70-5
package. The OPA2369 (dual version) comes in both
–
SC70-5, SOT23-5, MSOP-8
MSOP-8 and SOT23-8 packages.
hi laurie
• BATTERY-POWERED INSTRUMENTS
• PORTABLE DEVICES
• MEDICAL INSTRUMENTS
• TEST EQUIPMENT
• LOW-POWER SENSOR SIGNAL
CONDITIONING
1
Please be aware that an important notice concerning availability, standard warranty, and use in critical applications of Texas
Instruments semiconductor products and disclaimers thereto appears at the end of this data sheet.
2
All trademarks are the property of their respective owners.
PRODUCTION DATA information is current as of publication date.
Copyright © 2007–2008, Texas Instruments Incorporated
Products conform to specifications per the terms of the Texas
Instruments standard warranty. Production processing does not
necessarily include testing of all parameters.


Similar Part No. - OPA369

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA369 BURR-BROWN-OPA369 Datasheet
665Kb / 20P
1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA369 TI-OPA369 Datasheet
922Kb / 20P
1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA369 TI2-OPA369 Datasheet
985Kb / 26P
1.8V, 700nA, Zerø-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
REVISED DECEMBER 2008
OPA369 TI2-OPA369 Datasheet
1Mb / 25P
LPV821, 650nA, Precision, Nanopower, Zero-Drift Amplifier
REVISED DECEMBER 2017
OPA369 TI2-OPA369 Datasheet
986Kb / 26P
1.8V, 700nA, Zerø-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
REVISED DECEMBER 2008
More results

Similar Description - OPA369

ManufacturerPart #DatasheetDescription
logo
Burr-Brown (TI)
OPA379 BURR-BROWN-OPA379 Datasheet
237Kb / 12P
1.8V, 2.9uA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
Texas Instruments
OPA363 TI-OPA363 Datasheet
728Kb / 27P
1.8V, 7MHz, 90dB CMRR, SINGLE-SUPPLY, RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Burr-Brown (TI)
OPA369 BURR-BROWN-OPA369 Datasheet
665Kb / 20P
1.8V, 1關A max, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
logo
Texas Instruments
OPA369 TI-OPA369_1 Datasheet
922Kb / 20P
1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
OPA364IDBVRG4 TI-OPA364IDBVRG4 Datasheet
1Mb / 38P
1.8V, 7MHz, 90dB CMRR, Single-Supply, Rail-to-Rail I/O Operational Amplifier
OPA379AIDBVR TI1-OPA379AIDBVR Datasheet
1Mb / 29P
1.8V, 2.9mA, 90kHz, Rail-to-Rail I/O OPERATIONAL AMPLIFIERS
logo
SG Micro Corp
SGM8041 SGMICRO-SGM8041 Datasheet
302Kb / 11P
Single Rail-to-Rail I/O Operational Amplifier
SGM8044 SGMICRO-SGM8044 Datasheet
296Kb / 10P
Quad Rail-to-Rail I/O Operational Amplifier
SGM8545 SGMICRO-SGM8545 Datasheet
381Kb / 11P
Rail-to-Rail I/O CMOS Operational Amplifier
logo
Texas Instruments
OPA369 TI-OPA369_15 Datasheet
1Mb / 23P
1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com