Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 12 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 12 Page - Texas Instruments

Back Button OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments OPA369 Datasheet HTML 10Page - Texas Instruments OPA369 Datasheet HTML 11Page - Texas Instruments OPA369 Datasheet HTML 12Page - Texas Instruments OPA369 Datasheet HTML 13Page - Texas Instruments OPA369 Datasheet HTML 14Page - Texas Instruments OPA369 Datasheet HTML 15Page - Texas Instruments OPA369 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 19 page
background image
ADDITIONAL APPLICATION EXAMPLES
R
1
V
EX
V
OUT
V
REF
R
1
OPA369
R
R
R
R
+5V
OPA369
Output
R
SHUNT
Load
V+
R
G
R
L
R
(2)
1
10kW
R
BIAS
+5V
zener
(1)
Twozener
biasingmethods
areshown.
(3)
MOSFETratedto
stand-offsupplyvoltage
suchasBSS84for
upto50V.
(1)Zenerratedforopampsupplycapability(thatis,5.1VforOPA369).
(2)Current-limitingresistor.
(3)ChoosezenerbiasingresistorordualNMOSFETs(FDG6301N,NTJD4001N,orSi1034)
NOTES:
V-
R
2
V
= (V - V )1+++V
OUT
1
2
REF
R
1
R
2
R
G
R
2
R
1
V
REF
V
OUT
V
2
V
1
R
1
1/2
OPA2369
1/2
OPA2369
2R
1
R
G
OPA369
OPA2369
SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008 ............................................................................................................................................ www.ti.com
Figure 27 through Figure 29 illustrate additional application examples.
Figure 27. Single Op Amp Bridge Amplifier
Figure 28. High-Side Current Monitor
Figure 29. Two Op Amp Instrumentation Amplifier
12
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA369 OPA2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com