Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 10 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 10 Page - Texas Instruments

Back Button OPA369 Datasheet HTML 6Page - Texas Instruments OPA369 Datasheet HTML 7Page - Texas Instruments OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments OPA369 Datasheet HTML 10Page - Texas Instruments OPA369 Datasheet HTML 11Page - Texas Instruments OPA369 Datasheet HTML 12Page - Texas Instruments OPA369 Datasheet HTML 13Page - Texas Instruments OPA369 Datasheet HTML 14Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 10 / 19 page
background image
BATTERY MONITORING
R =R
1
F
=20MW
V
HYST
V
BATT
=420kW
50mV
2.4V
(2)
R =
2
-
V
THRS
V
1
REF
R
´
1
R
1
1
(
) - 1
R
F
=
-
2V
1.2V
420kW
´
1
420kW
1
(
)
-
1
20MW
= 650kW
(3)
R =
F
V
REF
1000(I
BMAX)
=
1.2V
1000(50pA)
= 24M
20M
W
W
»
(1)
R
=
BIAS
=0.3MW
(V
BATTMIN - V
)
REF
I
BIAS
=
(
1.2V)
-
1.8V
2 A
m
(4)
REF1112
OPA369
+IN
OUT
-
IN
V
STATUS
V
BATT
V
REF
R
1
R
2
R
BIAS
I
BIAS
R
F
+
OPA369
OPA2369
SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008 ............................................................................................................................................ www.ti.com
The low operating voltage and quiescent current of
the OPA369 series make it an excellent choice for
4. Select a threshold voltage for VIN rising (VTHRS) =
battery
monitoring
applications,
as
shown
in
2.0V
Figure 25. In this circuit, VSTATUS is high as long as
5. Calculate R2 as follows:
the battery voltage remains above 2V. A low-power
reference is used to set the trip point. Resistor values
are selected as follows:
1. Selecting RF: Select RF such that the current
through RF is approximately 1000x larger than
the maximum bias current over temperature:
6. Calculate RBIAS: The minimum supply voltage for
this circuit is 1.8V. The REF1112 has a current
requirement
of
1.2
µA (max). Providing the
2. Choose
the
hysteresis
voltage,
VHYST. For
REF1112 with 2
µA of supply current assures
battery-monitoring
applications,
50mV
is
proper operation. Therefore:
adequate.
3. Calculate R1 as follows:
Figure 25. Battery Monitor
10
Submit Documentation Feedback
Copyright © 2007–2008, Texas Instruments Incorporated
Product Folder Link(s): OPA369 OPA2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com