Electronic Components Datasheet Search
  English  ▼

X  

OPA369 Datasheet(PDF) 11 Page - Texas Instruments

Click here to check the latest version.
Part # OPA369
Description  1.8V, 700nA, Zer첩-Crossover RAIL-TO-RAIL I/O OPERATIONAL AMPLIFIER
PDF  19 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI - Texas Instruments

OPA369 Datasheet(HTML) 11 Page - Texas Instruments

Back Button OPA369 Datasheet HTML 7Page - Texas Instruments OPA369 Datasheet HTML 8Page - Texas Instruments OPA369 Datasheet HTML 9Page - Texas Instruments OPA369 Datasheet HTML 10Page - Texas Instruments OPA369 Datasheet HTML 11Page - Texas Instruments OPA369 Datasheet HTML 12Page - Texas Instruments OPA369 Datasheet HTML 13Page - Texas Instruments OPA369 Datasheet HTML 14Page - Texas Instruments OPA369 Datasheet HTML 15Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 19 page
background image
WINDOW COMPARATOR
V =
H
R
2
R + R
1
2
´ VS
(5)
V =
L
R
4
R + R
3
4
´ VS
(6)
V
S
A1
A2
D1
(2)
D2
(2)
R
5
10kW
R
6
5.1kW
R
7
5.1kW
R
IN
2kW
(1)
V
S
V
S
Q1
(3)
R
1
V
H
V
L
R
2
1/2
OPA2369
1/2
OPA2369
V
S
V
OUT
V
IN
V
S
R
3
R
4
NOTES: (1)R
protectsA1andA2frompossibleexcesscurrentflow.
IN
(2)IN4446orequivalentdiodes.
(3)2N2222orequivalentNPNtransistor.
OPA369
OPA2369
www.ti.com ............................................................................................................................................ SBOS414B – AUGUST 2007 – REVISED DECEMBER 2008
If VIN falls below VL, the output of A2 is high, current
flows through D2, and VOUT is low. Likewise, if VIN
Figure 26 shows the OPA2369 used as a window
rises above VH, the output of A1 is high, current flows
comparator. The threshold limits are set by VH and
through D1, and VOUT is low. The window comparator
VL, with VH > VL. When VIN < VH, the output of A1 is
threshold voltages are set as follows:
low. When VIN > VL, the output of A2 is low.
Therefore, both op amp outputs are at 0V as long as
VIN is between VH and VL. This architecture results in
no current flowing through either diode, Q1 in cutoff,
with the base voltage at 0V, and VOUT forced high.
Figure 26. OPA2369 as a Window Comparator
Copyright © 2007–2008, Texas Instruments Incorporated
Submit Documentation Feedback
11
Product Folder Link(s): OPA369 OPA2369



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com