Electronic Components Datasheet Search
  English  ▼

X  

P89LPC954 Datasheet(PDF) 34 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 34 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 30Page - NXP Semiconductors P89LPC954 Datasheet HTML 31Page - NXP Semiconductors P89LPC954 Datasheet HTML 32Page - NXP Semiconductors P89LPC954 Datasheet HTML 33Page - NXP Semiconductors P89LPC954 Datasheet HTML 34Page - NXP Semiconductors P89LPC954 Datasheet HTML 35Page - NXP Semiconductors P89LPC954 Datasheet HTML 36Page - NXP Semiconductors P89LPC954 Datasheet HTML 37Page - NXP Semiconductors P89LPC954 Datasheet HTML 38Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 34 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
34 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
7.17.6 Timer overflow toggle output
Timers 0 and 1 can be configured to automatically toggle a port output whenever a timer
overflow occurs. The same device pins that are used for the T0 and T1 count inputs are
also used for the timer toggle outputs. The port outputs will be a logic 1 prior to the first
timer overflow when this mode is turned on.
7.18 RTC/system timer
The P89LPC952/954 has a simple RTC that allows a user to continue running an accurate
timer while the rest of the device is powered down. The RTC can be a wake-up or an
interrupt source. The RTC is a 23-bit down counter comprised of a 7-bit prescaler and a
16-bit loadable down counter. When it reaches all ‘0’s, the counter will be reloaded again
and the RTCF flag will be set. The clock source for this counter can be either the CPU
clock (CCLK) or the XTAL oscillator, provided that the XTAL oscillator is not being used as
the CPU clock. If the XTAL oscillator is used as the CPU clock, then the RTC will use
CCLK as its clock source. Only power-on reset will reset the RTC and its associated SFRs
to the default state.
7.19 UARTs
The P89LPC952/954 has two enhanced UARTs that are compatible with the conventional
80C51 UART except that Timer 2 overflow cannot be used as a baud rate source. The
P89LPC952/954 does include an independent Baud Rate Generator for each UART
(BRG0 for UART 0 and BRG1 for UART 1). The baud rate can be selected from the
oscillator (divided by a constant), Timer 1 overflow, or the independent Baud Rate
Generator associated with the specific UART. In addition to the baud rate generation,
enhancements over the standard 80C51 UART include Framing Error detection,
automatic address recognition, selectable double buffering and several interrupt options.
The UARTs can be operated in 4 modes: shift register, 8-bit UART, 9-bit UART, and CPU
clock/32 or CPU clock/16.
7.19.1 Mode 0
Serial data enters and exits through RXDn. TXDn outputs the shift clock. 8 bits are
transmitted or received, LSB first. The baud rate is fixed at 1
⁄
16 of the CPU clock
frequency.
7.19.2 Mode 1
10 bits are transmitted (through TXDn) or received (through RXDn): a start bit (logic 0),
8 data bits (LSB first), and a stop bit (logic 1). When data is received, the stop bit is stored
in RB8_n in Special Function Register SnCON. The baud rate is variable and is
determined by the Timer 1 overflow rate or the Baud Rate Generator (described in Section
7.19.5 “Baud rate generator and selection”).
7.19.3 Mode 2
11 bits are transmitted (through TXDn) or received (through RXDn): start bit (logic 0),
8 data bits (LSB first), a programmable 9th data bit, and a stop bit (logic 1). When data is
transmitted, the 9th data bit (TB8_n in SnCON) can be assigned the value of ‘0’ or ‘1’. Or,
for example, the parity bit (P, in the PSW) could be moved into TB8_n. When data is
received, the 9th data bit goes into RB8_n in Special Function Register SnCON, while the



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com