Electronic Components Datasheet Search
  English  ▼

X  

P89LPC954 Datasheet(PDF) 52 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 52 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 48Page - NXP Semiconductors P89LPC954 Datasheet HTML 49Page - NXP Semiconductors P89LPC954 Datasheet HTML 50Page - NXP Semiconductors P89LPC954 Datasheet HTML 51Page - NXP Semiconductors P89LPC954 Datasheet HTML 52Page - NXP Semiconductors P89LPC954 Datasheet HTML 53Page - NXP Semiconductors P89LPC954 Datasheet HTML 54Page - NXP Semiconductors P89LPC954 Datasheet HTML 55Page - NXP Semiconductors P89LPC954 Datasheet HTML 56Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
52 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
[1]
Typical ratings are not guaranteed. The values listed are at room temperature, 3 V.
[2]
The IDD(oper),IDD(idle), and IDD(pd) specifications are measured using an external clock with the following functions disabled: comparators,
real-time clock, and watchdog timer.
[3]
The IDD(tpd) specification is measured using an external clock with the following functions disabled: comparators, real-time clock,
brownout detect, and watchdog timer.
[4]
See Section 9 “Limiting values” for steady state (non-transient) limits on IOL or IOH. If IOL/IOH exceeds the test condition, VOL/VOH may
exceed the related specification.
[5]
This specification can be applied to pins which have A/D input or analog comparator input functions when the pin is not being used for
those analog functions. When the pin is being used as an analog input pin, the maximum voltage on the pin must be limited to 4.0 V with
respect to VSS.
[6]
Pin capacitance is characterized but not tested.
[7]
Measured with port in quasi-bidirectional mode.
[8]
Measured with port in high-impedance mode.
[9]
Port pins source a transition current when used in quasi-bidirectional mode and externally driven from logic 1 to logic 0. This current is
highest when VI is approximately 2 V.
Ciss
input capacitance
[6] -
-
15
pF
IIL
LOW-level input current
VI = 0.4 V
[7] --
−80
µA
ILI
input leakage current
VI =VIL, VIH, or Vth(HL)
[8] --
±1
µA
ITHL
HIGH-LOW transition current
all ports; VI = 1.5 V at
VDD = 3.6 V
[9]
−30
-
−450
µA
RRST_N(int) internal pull-up resistance on
pin RST
pin RST
10
-
30
k
Ω
Vbo
brownout trip voltage
BOE = 1
2.4
-
2.7
V
Vref(bg)
band gap reference voltage
1.19
1.23
1.27
V
TCbg
band gap temperature
coefficient
-
10
20
ppm/
°C
Table 11.
Static characteristics …continued
VDD = 2.4 V to 3.6 V unless otherwise specified.
Tamb = −40 °C to +85 °C for industrial applications, unless otherwise specified.
Symbol
Parameter
Conditions
Min
Typ[1]
Max
Unit



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com