Electronic Components Datasheet Search
  English  ▼

X  

P89LPC954 Datasheet(PDF) 46 Page - NXP Semiconductors

Part # P89LPC954
Description  8-bit microcontroller with accelerated two-clock 80C51 core 8 kB/16 kB 3 V byte-erasable flash with 10-bit ADC
PDF  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

P89LPC954 Datasheet(HTML) 46 Page - NXP Semiconductors

Back Button P89LPC954 Datasheet HTML 42Page - NXP Semiconductors P89LPC954 Datasheet HTML 43Page - NXP Semiconductors P89LPC954 Datasheet HTML 44Page - NXP Semiconductors P89LPC954 Datasheet HTML 45Page - NXP Semiconductors P89LPC954 Datasheet HTML 46Page - NXP Semiconductors P89LPC954 Datasheet HTML 47Page - NXP Semiconductors P89LPC954 Datasheet HTML 48Page - NXP Semiconductors P89LPC954 Datasheet HTML 49Page - NXP Semiconductors P89LPC954 Datasheet HTML 50Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 46 / 69 page
background image
P89LPC952_954_4
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 04 — 24 July 2008
46 of 69
NXP Semiconductors
P89LPC952/954
8-bit microcontroller with 10-bit ADC
7.26.9 Power-on reset code execution
The P89LPC952/954 contains two special flash elements: the Boot Vector and the Boot
Status bit. Following reset, the P89LPC952/954 examines the contents of the Boot Status
bit. If the Boot Status bit is set to zero, power-up execution starts at location 0000H, which
is the normal start address of the user’s application code. When the Boot Status bit is set
to a value other than zero, the contents of the Boot Vector are used as the high byte of the
execution address and the low byte is set to 00H.
Table 9 shows the factory default Boot Vector setting for these devices. A factory-provided
bootloader is pre-programmed into the address space indicated and uses the indicated
bootloader entry point to perform ISP functions. This code can be erased by the user.
Users who wish to use this loader should take precautions to avoid erasing the
1 kB sector that contains this bootloader. Instead, the page erase function can be
used to erase the first eight 64-byte pages located in this sector. A custom
bootloader can be written with the Boot Vector set to the custom bootloader, if desired.
7.26.10 Hardware activation of the bootloader
The bootloader can also be executed by forcing the device into ISP mode during a
power-on sequence (see the P89LPC952/954
User’s Manual for specific information).
This has the same effect as having a non-zero status byte. This allows an application to
be built that will normally execute user code but can be manually forced into ISP
operation. If the factory default setting for the boot vector (1FH/3FH) is changed, it will no
longer point to the factory pre-programmed ISP bootloader code. After programming the
flash, the status byte should be programmed to zero in order to allow execution of the
user’s application code beginning at address 0000H.
7.27 User configuration bytes
Some user-configurable features of the P89LPC952/954 must be defined at power-up and
therefore cannot be set by the program after start of execution. These features are
configured through the use of the flash byte UCFG1. Please see the P89LPC952/954
User’s Manual for additional details.
7.28 User sector security bytes
There are eight/sixteen User Sector Security Bytes on the P89LPC952/954. Each byte
corresponds to one sector. Please see the P89LPC952/954
User’s Manual for additional
details.
Table 9.
Default boot vector values and ISP entry points
Device
Default
boot vector
Default
bootloader
entry point
Default bootloader
code range
1 kB sector
range
P89LPC952
1FH
1F00H
1E00H to 1FFFH
1C00H to 1FFFH
P89LPC954
3FH
3F00H
3E00H to 3FFFH
3C00H to 3FFFH



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com