Electronic Components Datasheet Search
  English  ▼

X  

PCA9543C Datasheet(PDF) 8 Page - NXP Semiconductors

Part # PCA9543C
Description  2-channel I2C-bus switch with interrupt logic and reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9543C Datasheet(HTML) 8 Page - NXP Semiconductors

Back Button PCA9543C Datasheet HTML 4Page - NXP Semiconductors PCA9543C Datasheet HTML 5Page - NXP Semiconductors PCA9543C Datasheet HTML 6Page - NXP Semiconductors PCA9543C Datasheet HTML 7Page - NXP Semiconductors PCA9543C Datasheet HTML 8Page - NXP Semiconductors PCA9543C Datasheet HTML 9Page - NXP Semiconductors PCA9543C Datasheet HTML 10Page - NXP Semiconductors PCA9543C Datasheet HTML 11Page - NXP Semiconductors PCA9543C Datasheet HTML 12Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 23 page
background image
PCA9543A_43B_43C_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 17 November 2008
8 of 23
NXP Semiconductors
PCA9543A/43B/43C
2-channel I2C-bus switch with interrupt logic and reset
Figure 8, we see that Vo(sw)(max) will be at 2.7 V when the PCA9543A supply voltage is
3.5 V or lower, so the PCA9543A supply voltage could be set to 3.3 V. Pull-up resistors
can then be used to bring the bus voltages to their appropriate levels (see Figure 15).
More Information can be found in Application Note
AN262: PCA954X family of I2C/SMBus
multiplexers and switches.
7.
Characteristics of the I2C-bus
The I2C-bus is for 2-way, 2-line communication between different ICs or modules. The two
lines are a serial data line (SDA) and a serial clock line (SCL). Both lines must be
connected to a positive supply via a pull-up resistor when connected to the output stages
of a device. Data transfer may be initiated only when the bus is not busy.
7.1 Bit transfer
One data bit is transferred during each clock pulse. The data on the SDA line must remain
stable during the HIGH period of the clock pulse as changes in the data line at this time
will be interpreted as control signals (see Figure 9).
7.2 START and STOP conditions
Both data and clock lines remain HIGH when the bus is not busy. A HIGH-to-LOW
transition of the data line while the clock is HIGH is defined as the START condition (S). A
LOW-to-HIGH transition of the data line while the clock is HIGH is defined as the STOP
condition (P) (see Figure 10).
Fig 9.
Bit transfer
mba607
data line
stable;
data valid
change
of data
allowed
SDA
SCL
Fig 10. Definition of START and STOP conditions
mba608
SDA
SCL
P
STOP condition
SDA
SCL
S
START condition



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com