Electronic Components Datasheet Search
  English  ▼

X  

PCA9543C Datasheet(PDF) 13 Page - NXP Semiconductors

Part # PCA9543C
Description  2-channel I2C-bus switch with interrupt logic and reset
PDF  23 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NXP [NXP Semiconductors]
Direct Link  http://www.nxp.com
Logo NXP - NXP Semiconductors

PCA9543C Datasheet(HTML) 13 Page - NXP Semiconductors

Back Button PCA9543C Datasheet HTML 9Page - NXP Semiconductors PCA9543C Datasheet HTML 10Page - NXP Semiconductors PCA9543C Datasheet HTML 11Page - NXP Semiconductors PCA9543C Datasheet HTML 12Page - NXP Semiconductors PCA9543C Datasheet HTML 13Page - NXP Semiconductors PCA9543C Datasheet HTML 14Page - NXP Semiconductors PCA9543C Datasheet HTML 15Page - NXP Semiconductors PCA9543C Datasheet HTML 16Page - NXP Semiconductors PCA9543C Datasheet HTML 17Page - NXP Semiconductors Next Button
Zoom Inzoom in Zoom Outzoom out
 13 / 23 page
background image
PCA9543A_43B_43C_5
© NXP B.V. 2008. All rights reserved.
Product data sheet
Rev. 05 — 17 November 2008
13 of 23
NXP Semiconductors
PCA9543A/43B/43C
2-channel I2C-bus switch with interrupt logic and reset
[1]
For operation between published voltage ranges, refer to the worst-case parameter in both ranges.
[2]
VDD must be lowered to 0.2 V in order to reset part.
Table 8.
Static characteristics
VDD = 4.5 V to 5.5 V; VSS = 0 V; Tamb = −40 °C to +85 °C; unless otherwise specified.
See Table 7 on page 12 for VDD = 2.3 V to 3.6 V.[1]
Symbol
Parameter
Conditions
Min
Typ
Max
Unit
Supply
VDD
supply voltage
4.5
-
5.5
V
IDD
supply current
Operating mode; VDD = 5.5 V;
no load; VI =VDD or VSS;
fSCL = 100 kHz
-
25
100
µA
Istb
standby current
Standby mode; VDD = 5.5 V;
no load; VI =VDD or VSS;
fSCL = 0 kHz
-
0.2
1
µA
VPOR
power-on reset voltage
no load; VI =VDD or VSS
[2] -
1.7
2.1
V
Input SCL; input/output SDA
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-6
V
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
VOL = 0.6 V
6
-
-
mA
IL
leakage current
VI =VDD or VSS
−1-
+1
µA
Ci
input capacitance
VI =VSS
-
9
10
pF
Select inputs A0, A1, INT0 to INT3, RESET
VIL
LOW-level input voltage
−0.5
-
+0.3VDD
V
VIH
HIGH-level input voltage
0.7VDD
-VDD + 0.5
V
ILI
input leakage current
VI =VDD or VSS
−1
-
+50
µA
Ci
input capacitance
VI =VSS
-2
5
pF
Pass gate
Ron
on-state resistance
VDD = 4.5 V to 5.5 V; VO = 0.4 V;
IO =15mA
4924
Ω
Vo(sw)
switch output voltage
Vi(sw) =VDD = 5.0 V;
Io(sw) = −100 µA
-
3.6
-
V
Vi(sw) =VDD = 4.5 V to 5.5 V;
Io(sw) = −100 µA
2.6
-
4.5
V
IL
leakage current
VI =VDD or VSS
−1
-
+100
µA
Cio
input/output capacitance
VI =VSS
-3
5
pF
INT output
IOL
LOW-level output current
VOL = 0.4 V
3
-
-
mA
IOH
HIGH-level output current
-
-
+100
µA



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com