Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S161 Datasheet(PDF) 14 Page - ATMEL Corporation

Part # AT91SAM7S161
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S161 Datasheet(HTML) 14 Page - ATMEL Corporation

Back Button AT91SAM7S161 Datasheet HTML 10Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 11Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 12Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 13Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 14Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 15Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 16Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 17Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 18Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 14 / 50 page
background image
14
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
6.
I/O Lines Considerations
6.1
JTAG Port Pins
TMS, TDI and TCK are schmitt trigger inputs. TMS and TCK are 5-V tolerant, TDI is not. TMS,
TDI and TCK do not integrate a pull-up resistor.
TDO is an output, driven at up to VDDIO, and has no pull-up resistor.
The JTAGSEL pin is used to select the JTAG boundary scan when asserted at a high level. The
JTAGSEL pin integrates a permanent pull-down resistor of about 15 k
Ω to GND, so that it can be
left unconnected for normal operations.
6.2
Test Pin
The TST pin is used for manufacturing test, fast programming mode or SAM-BA Boot Recovery
of the AT91SAM7S Series when asserted high. The TST pin integrates a permanent pull-down
resistor of about 15 k
Ω to GND, so that it can be left unconnected for normal operations.
To enter fast programming mode, the TST pin and the PA0 and PA1 pins should be tied high
and PA2 tied to low.
To enter SAM-BA Boot Recovery, the TST pin and the PA0, PA1 and PA2 pins should be tied
high fo at least 10 seconds.
Driving the TST pin at a high level while PA0 or PA1 is driven at 0 leads to unpredictable results.
6.3
Reset Pin
The NRST pin is bidirectional with an open drain output buffer. It is handled by the on-chip reset
controller and can be driven low to provide a reset signal to the external components or asserted
low externally to reset the microcontroller. There is no constraint on the length of the reset pulse,
and the reset controller can guarantee a minimum pulse length. This allows connection of a sim-
ple push-button on the pin NRST as system user reset, and the use of the signal NRST to reset
all the components of the system.
The NRST pin integrates a permanent pull-up resistor to VDDIO.
6.4
ERASE Pin
The ERASE pin is used to re-initialize the Flash content and some of its NVM bits. It integrates a
permanent pull-down resistor of about 15 k
Ω to GND, so that it can be left unconnected for nor-
mal operations.
6.5
PIO Controller A Lines
• All the I/O lines PA0 to PA31on AT91SAM7S512/256/128/64/321 (PA0 to PA20 on
AT91SAM7S32) are 5V-tolerant and all integrate a programmable pull-up resistor.
• All the I/O lines PA0 to PA31 on AT91SAM7S161 (PA0 to PA20 on AT91SAM7S16) are not
5V-tolerant and all integrate a programmable pull-up resistor.
Programming of this pull-up resistor is performed independently for each I/O line through the
PIO controllers.
5V-tolerant means that the I/O lines can drive voltage level according to VDDIO, but can be
driven with a voltage of up to 5.5V. However, driving an I/O line with a voltage over VDDIO while
the programmable pull-up resistor is enabled will create a current path through the pull-up resis-



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com