Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S161 Datasheet(PDF) 22 Page - ATMEL Corporation

Part # AT91SAM7S161
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S161 Datasheet(HTML) 22 Page - ATMEL Corporation

Back Button AT91SAM7S161 Datasheet HTML 18Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 25Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 26Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 50 page
background image
22
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
8.8
Embedded Flash
8.8.1
Flash Overview
• The Flash of the AT91SAM7S512 is organized in two banks (dual plane) of 1024 pages of
256 bytes. The 524,288 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S256 is organized in 1024 pages (single plane) of 256 bytes. The
262,144 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S128 is organized in 512 pages (single plane) of 256 bytes. The
131,072 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S64 is organized in 512 pages (single plane) of 128 bytes. The
65,536 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S321/32 is organized in 256 pages (single plane) of 128 bytes.
The 32,768 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S161/16 is organized in 256 pages (single plane) of 64 bytes.
The 16,384 bytes are organized in 32-bit words.
• The Flash of the AT91SAM7S512/256/128 contains a 256-byte write buffer, accessible
through a 32-bit interface.
• The Flash of the AT91SAM7S64/321/32/161/16 contains a 128-byte write buffer, accessible
through a 32-bit interface.
The Flash benefits from the integration of a power reset cell and from the brownout detector.
This prevents code corruption during power supply changes, even in the worst conditions.
When Flash is not used (read or write access), it is automatically placed into standby mode.
8.8.2
Embedded Flash Controller
The Embedded Flash Controller (EFC) manages accesses performed by the masters of the sys-
tem. It enables reading the Flash and writing the write buffer. It also contains a User Interface,
mapped within the Memory Controller on the APB. The User Interface allows:
• programming of the access parameters of the Flash (number of wait states, timings, etc.)
• starting commands such as full erase, page erase, page program, NVM bit set, NVM bit
clear, etc.
• getting the end status of the last command
• getting error status
• programming interrupts on the end of the last commands or on errors
The Embedded Flash Controller also provides a dual 32-bit prefetch buffer that optimizes 16-bit
access to the Flash. This is particularly efficient when the processor is running in Thumb mode.
Two EFCs are embedded in the SAM7S512 to control each bank of 256 Kbytes. Dual plane
organization allows concurrent Read and Program. Read from one memory plane may be per-
formed even while program or erase functions are being executed in the other memory plane.
One EFC is embedded in the SAM7S256/128/64/32/321/161/16 to control the single plane
256/128/64/32/16 Kbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com