Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S161 Datasheet(PDF) 23 Page - ATMEL Corporation

Part # AT91SAM7S161
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S161 Datasheet(HTML) 23 Page - ATMEL Corporation

Back Button AT91SAM7S161 Datasheet HTML 19Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 20Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 21Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 22Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 23Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 24Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 25Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 26Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 27Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 50 page
background image
23
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
8.8.3
Lock Regions
8.8.3.1
AT91SAM7S512
Two Embedded Flash Controllers each manage 16 lock bits to protect 16 regions of the flash
against inadvertent flash erasing or programming commands. The AT91SAM7S512 contains 32
lock regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of
16 Kbytes.
If a locked-region’s erase or program command occurs, the command is aborted and the
LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been
written at 1 in the MC_FMR register.
The 16 NVM bits (or 32 NVM bits) are software programmable through the corresponding EFC
User Interface. The command “Set Lock Bit” enables the protection. The command “Clear Lock
Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
8.8.3.2
AT91SAM7S256
The Embedded Flash Controller manages 16 lock bits to protect 16 regions of the flash against
inadvertent flash erasing or programming commands. The AT91SAM7S256 contains 16 lock
regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16
Kbytes.
If a locked-region’s erase or program command occurs, the command is aborted and the
LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been
written at 1 in the MC_FMR register.
The 16 NVM bits are software programmable through the EFC User Interface. The command
“Set Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
8.8.3.3
AT91SAM7S128
The Embedded Flash Controller manages 8 lock bits to protect 8 regions of the flash against
inadvertent flash erasing or programming commands. The AT91SAM7S128 contains 8 lock
regions and each lock region contains 64 pages of 256 bytes. Each lock region has a size of 16
Kbytes.
If a locked-region’s erase or program command occurs, the command is aborted and the
LOCKE bit in the MC_FSR register rises and the interrupt line rises if the LOCKE bit has been
written at 1 in the MC_FMR register.
The 8 NVM bits are software programmable through the EFC User Interface. The command “Set
Lock Bit” enables the protection. The command “Clear Lock Bit” unlocks the lock region.
Asserting the ERASE pin clears the lock bits, thus unlocking the entire Flash.
8.8.3.4
AT91SAM7S64
The Embedded Flash Controller manages 16 lock bits to protect 16 regions of the flash against
inadvertent flash erasing or programming commands. The AT91SAM7S64 contains 16 lock
regions and each lock region contains 32 pages of 128 bytes. Each lock region has a size of 4
Kbytes.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com