Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S161 Datasheet(PDF) 40 Page - ATMEL Corporation

Part # AT91SAM7S161
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S161 Datasheet(HTML) 40 Page - ATMEL Corporation

Back Button AT91SAM7S161 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 37Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 38Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 39Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 40Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 41Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 42Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 43Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 44Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 50 page
background image
40
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
10.10 PWM Controller
• Four channels, one 16-bit counter per channel
• Common clock generator, providing thirteen different clocks
– One Modulo n counter providing eleven clocks
– Two independent linear dividers working on modulo n counter outputs
• Independent channel programming
– Independent enable/disable commands
– Independent clock selection
– Independent period and duty cycle, with double buffering
– Programmable selection of the output waveform polarity
– Programmable center or left aligned output waveform
10.11 USB Device Port (Does not pertain to AT91SAM7S32/16)
• USB V2.0 full-speed compliant, 12 Mbits per second.
• Embedded USB V2.0 full-speed transceiver
• Embedded 328-byte dual-port RAM for endpoints
• Four endpoints
– Endpoint 0: 8 bytes
– Endpoint 1 and 2: 64 bytes ping-pong
– Endpoint 3: 64 bytes
– Ping-pong Mode (two memory banks) for isochronous and bulk endpoints
• Suspend/resume logic
10.12 Analog-to-digital Converter
• 8-channel ADC
• 10-bit 384 Ksamples/sec. or 8-bit 583 Ksamples/sec. Successive Approximation Register
ADC
• ±2 LSB Integral Non Linearity, ±1 LSB Differential Non Linearity
• Integrated 8-to-1 multiplexer, offering eight independent 3.3V analog inputs
• External voltage reference for better accuracy on low voltage inputs
• Individual enable and disable of each channel
• Multiple trigger source
– Hardware or software trigger
– External trigger pin
– Timer Counter 0 to 2 outputs TIOA0 to TIOA2 trigger
• Sleep Mode and conversion sequencer
– Automatic wakeup on trigger and back to sleep mode after conversions of all
enabled channels
• Four of eight analog inputs shared with digital signals



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com