Electronic Components Datasheet Search
  English  ▼

X  

AT91SAM7S161 Datasheet(PDF) 33 Page - ATMEL Corporation

Part # AT91SAM7S161
Description  AT91 ARM Thumb-based Microcontrollers
PDF  50 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT91SAM7S161 Datasheet(HTML) 33 Page - ATMEL Corporation

Back Button AT91SAM7S161 Datasheet HTML 29Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 30Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 31Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 32Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 33Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 34Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 35Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 36Page - ATMEL Corporation AT91SAM7S161 Datasheet HTML 37Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 33 / 50 page
background image
33
6175GS–ATARM–24-Dec-08
AT91SAM7S Series Summary
9.9
PIO Controller
• One PIO Controller, controlling 32 I/O lines (21 for AT91SAM7S32/16)
• Fully programmable through set/clear registers
• Multiplexing of two peripheral functions per I/O line
• For each I/O line (whether assigned to a peripheral or used as general-purpose I/O)
– Input change interrupt
– Half a clock period glitch filter
– Multi-drive option enables driving in open drain
– Programmable pull-up on each I/O line
– Pin data status register, supplies visibility of the level on the pin at any time
• Synchronous output, provides Set and Clear of several I/O lines in a single write
9.10
Voltage Regulator Controller
The aim of this controller is to select the Power Mode of the Voltage Regulator between Normal
Mode (bit 0 is cleared) or Standby Mode (bit 0 is set).



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com