Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 50 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 50 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 46Page - Cirrus Logic CS43L22 Datasheet HTML 47Page - Cirrus Logic CS43L22 Datasheet HTML 48Page - Cirrus Logic CS43L22 Datasheet HTML 49Page - Cirrus Logic CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 50 / 68 page
background image
50
DS792F1
CS43L22
Confidential Draft
10/7/08
Notes:
1.
This setting must not change when BEEP is enabled.
2.
Beep off time will scale inversely with sample rate, Fs, but is fixed at the nominal Fs within each speed
mode.
7.16.2
Beep Volume
Sets the volume of the beep signal.
Note:
This setting must not change when BEEP is enabled.
7.17
Beep & Tone Configuration (Address 1Eh)
7.17.1
Beep Configuration
Configures a beep mixed with the HP/Line and SPK output.
Notes:
1.
When used in analog pass through mode, the output alternates between the signal from the
Passthrough Amplifier and the beep signal. The beep signal does not mix with the analog signal from
the Passthrough Amplifier.
2.
Re-engaging the beep before it has completed its initial cycle will cause the beep signal to remain ON
for the maximum ONTIME duration.
7.17.2
Beep Mix Disable
Configures how the beep mixes with the serial data input.
Note:
This setting must not change when BEEP is enabled.
BEEPVOL[4:0]
Gain
00110
+6.0 dB
···
···
00000
-6 dB
11111
-8 dB
11110
-10 dB
···
···
00111
-56 dB
Step Size:
2 dB
Application:
“Beep Generator” on page 23
7
654
3
2
1
0
BEEP1
BEEP0
BEEPMIXDIS
TREBCF1
TREBCF0
BASSCF1
BASSCF0
TCEN
BEEP[1:0]
Beep Occurrence
00
Off
01
Single
10
Multiple
11
Continuous
Application:
“Beep Generator” on page 23
BEEPMIXDIS
Beep Output to HP/Line and Speaker
0
Mix Enabled; The beep signal mixes with the digital signal from the serial data input.
1
Mix Disabled; The output alternates between the signal from the serial data input and the beep signal. The
beep signal does not mix with the digital signal from the serial data input.
Application:
“Beep Generator” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com