Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 58 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 58 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic CS43L22 Datasheet HTML 57Page - Cirrus Logic CS43L22 Datasheet HTML 58Page - Cirrus Logic CS43L22 Datasheet HTML 59Page - Cirrus Logic CS43L22 Datasheet HTML 60Page - Cirrus Logic CS43L22 Datasheet HTML 61Page - Cirrus Logic CS43L22 Datasheet HTML 62Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 58 / 68 page
background image
58
DS792F1
CS43L22
Confidential Draft
10/7/08
7.27.3
VP Reference
Sets the desired VP reference used for battery compensation.
7.28
VP Battery Level (Address 30h) (Read Only)
7.28.1
VP Voltage Level (Read Only)
Indicates the unsigned VP voltage level.
7.29
Speaker Status (Address 31h) (Read Only)
7.29.1
Speaker Current Load Status (Read Only)
Indicates whether or not any of the speaker outputs is shorted to ground.
VPREF[3:0]
Desired VP used to calculate the required attenuation on the speaker output:
(for VA = 1.8 V)
0000
1.5 V
0001
2.0 V
0010
2.5 V
0011
3.0 V
0100
3.5 V
0101
4.0 V
0110
4.5 V
0111
5.0 V
(for VA = 2.5 V)
1000
1.5 V
1001
2.0 V
1010
2.5 V
1011
3.0 V
1100
3.5 V
1101
4.0 V
1110
4.5 V
1111
5.0 V
Application:
“VP Battery Compensation” on page 28
76
543
21
0
VPLVL7
VPLVL6
VPLVL5
VPLVL4
VPLVL3
VPLVL2
VPLVL1
VPLVL0
VPLVL[7:0]
VP Voltage
...
0101 1110
3.0 V (for VA = 2.0 V); apply formula using actual VA voltage to calculate VP voltage.
...
0111 0010
3.7 V (for VA = 2.0 V); apply formula using actual VA voltage to calculate VP voltage.
...
Formula:
VP Voltage = (Binary representation of VPLVL[7:0]) * VA / 63.3
76
543
21
0
Reserved
Reserved
SPKASHRT
SPKBSHRT
SPKR/HP
Reserved
Reserved
Reserved
SPKxSHRT
Speaker Output Load
0
No overload detected
1
Overload detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com