Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 50Page - Cirrus Logic CS43L22 Datasheet HTML 51Page - Cirrus Logic CS43L22 Datasheet HTML 52Page - Cirrus Logic CS43L22 Datasheet HTML 53Page - Cirrus Logic CS43L22 Datasheet HTML 54Page - Cirrus Logic CS43L22 Datasheet HTML 55Page - Cirrus Logic CS43L22 Datasheet HTML 56Page - Cirrus Logic CS43L22 Datasheet HTML 57Page - Cirrus Logic CS43L22 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 68 page
background image
54
DS792F1
CS43L22
Confidential Draft
10/7/08
7.23
Limiter Control 1, Min/Max Thresholds (Address 27h)
7.23.1
Limiter Maximum Threshold
Sets the maximum level, below full scale, at which to limit and attenuate the output signal at the attack
rate (LIMARATE - “Limiter Release Rate” on page 55).
Note:
Bass, Treble and digital gain settings that boost the signal beyond the maximum threshold may
trigger an attack.
7.23.2
Limiter Cushion Threshold
Sets the minimum level at which to disengage the Limiter’s attenuation at the release rate (LIMRRATE -
“Limiter Release Rate” on page 55) until levels lie between the LMAX and CUSH thresholds.
Note:
This setting is usually set slightly below the LMAX threshold.
7.23.3
Limiter Soft Ramp Disable
Configures an override of the digital soft ramp setting.
Note:
This bit is ignored when the DIGZC (“Digital Zero Cross” on page 46) is enabled.
76
543
21
0
LMAX2
LMAX1
LMAX0
CUSH2
CUSH1
CUSH0
LIMSRDIS
LIMZCDIS
LMAX[2:0]
Threshold Setting
000
0 dB
001
-3 dB
010
-6 dB
011
-9 dB
100
-12 dB
101
-18 dB
110
-24 dB
111
-30 dB
Application:
“Limiter” on page 23
CUSH[2:0]
Threshold Setting
000
0 dB
001
-3 dB
010
-6 dB
011
-9 dB
100
-12 dB
101
-18 dB
110
-24 dB
111
-30 dB
Application:
“Limiter” on page 23
LIMSRDIS
Limiter Soft Ramp Disable
0
OFF; Limiter Attack Rate is dictated by the DIGSFT (“Digital Soft Ramp” on page 45) setting
1
ON; Limiter volume changes take effect in one step, regardless of the DIGSFT setting.
Application:
“Limiter” on page 23



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com