Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 26 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 26 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 22Page - Cirrus Logic CS43L22 Datasheet HTML 23Page - Cirrus Logic CS43L22 Datasheet HTML 24Page - Cirrus Logic CS43L22 Datasheet HTML 25Page - Cirrus Logic CS43L22 Datasheet HTML 26Page - Cirrus Logic CS43L22 Datasheet HTML 27Page - Cirrus Logic CS43L22 Datasheet HTML 28Page - Cirrus Logic CS43L22 Datasheet HTML 29Page - Cirrus Logic CS43L22 Datasheet HTML 30Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 26 / 68 page
background image
26
DS792F1
CS43L22
Confidential Draft
10/7/08
4.4
Analog Outputs
Referenced Control
Register Location
Analog Output
HPxMUTE ...........................
HPxVOL[7:0] .......................
PDN_HPx[1:0] .....................
HPGAIN[2:0]........................
PASSTHRUx .......................
PASSxMUTE .......................
PASSxVOL[7:0] ...................
CHGFREQ ..........................
“Headphone Mute” on page 46
“Headphone Volume Control” on page 52
“Headphone Power Control” on page 39
“Headphone Analog Gain” on page 44
“Passthrough Analog” on page 45
“Passthrough Mute” on page 45
“Passthrough x Volume” on page 47
“Charge Pump Frequency” on page 59
DAC
CHGFREQ[3:0]
HPGAIN[2:0]
VOL
VOL
Analog Passthru Input
Signal
HPAMUTE
HPBMUTE
HPA_VOL[7:0]
HPB_VOL[7:0]
+0dB/-102dB
0.5dB steps
PASSAMUTE
PASSBMUTE
PASSAVOL[7:0]
PASSBVOL[70]
+12dB/-60dB
0.5dB steps
PASSTHRUA
PASSTHRUB
PDN_HPA[1:0]
PDN_HPB[1:0]
A
B
from DSP
Engine
HP/Line
Outputs
Charge
Pump
Figure 9. Analog Outputs



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com