Electronic Components Datasheet Search
  English  ▼

X  

CS43L22 Datasheet(PDF) 12 Page - Cirrus Logic

Part # CS43L22
Description  Low Power, Stereo DAC w/Headphone & Speaker Amps
PDF  68 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS43L22 Datasheet(HTML) 12 Page - Cirrus Logic

Back Button CS43L22 Datasheet HTML 8Page - Cirrus Logic CS43L22 Datasheet HTML 9Page - Cirrus Logic CS43L22 Datasheet HTML 10Page - Cirrus Logic CS43L22 Datasheet HTML 11Page - Cirrus Logic CS43L22 Datasheet HTML 12Page - Cirrus Logic CS43L22 Datasheet HTML 13Page - Cirrus Logic CS43L22 Datasheet HTML 14Page - Cirrus Logic CS43L22 Datasheet HTML 15Page - Cirrus Logic CS43L22 Datasheet HTML 16Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 68 page
background image
12
DS792F1
CS43L22
Confidential Draft
10/7/08
5.
See Figure 2. RL and CL reflect the recommended minimum resistance and maximum capacitance re-
quired for the internal op-amp's stability and signal integrity. In this circuit topology, CL will effectively
move the band-limiting pole of the amp in the output stage. Increasing this value beyond the recom-
mended 150 pF can cause the internal op-amp to become unstable.
ANALOG PASSTHROUGH CHARACTERISTICS
Test Conditions (unless otherwise specified): Input sine wave (relative to full-scale): 1 kHz through passive input filter;
Passthrough Amplifier and HP/Line Gain = 0 dB; All Supplies = VA; TA = +25°C; Sample Frequency = 48 kHz; Measurement
Bandwidth is 20 Hz to 20 kHz.
VA = 2.5 V
VA = 1.8 V
Parameters
Min
Typ
Max
Min
Typ
Max
Unit
Analog In to HP/Line Amp
RL = 10 kΩ
Dynamic Range
A-weighted
unweighted
-
-
-96
-93
-
-
-
-
-94
-91
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dBFS
-20 dBFS
-60 dBFS
-
-
-
-70
-73
-33
-
-
-
-
-
-
-70
-71
-31
-
-
-
dB
dB
dB
Full-scale Input Voltage
-
0.91•VA
-
-
0.91•VA
-
Vpp
Full-scale Output Voltage
-
0.84•VA
-
-
0.84•VA
-
Vpp
Passband Ripple
-
0/-0.3
-
-
0/-0.3
-
dB
RL = 16 Ω
Dynamic Range
A-weighted
unweighted
-
-
-96
-93
-
-
-
-
-94
-91
-
-
dB
dB
Total Harmonic Distortion + Noise
-1 dBFS
-20 dBFS
-60 dBFS
-
-
-
-70
-73
-33
-
-
-
-
-
-
-70
-71
-31
-
-
-
dB
dB
dB
Full-scale Input Voltage
-
0.91•VA
-
-
0.91•VA
-
Vpp
Full-scale Output Voltage
-
0.84•VA
-
-
0.84•VA
-
Vpp
Output Power
-
32
-
-
17
-
mW
Passband Ripple
-
0/-0.3
-
-
0/-0.3
-
dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com