Electronic Components Datasheet Search
  English  ▼

X  

CS4385 Datasheet(PDF) 16 Page - Cirrus Logic

Part # CS4385
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385 Datasheet(HTML) 16 Page - Cirrus Logic

Back Button CS4385 Datasheet HTML 12Page - Cirrus Logic CS4385 Datasheet HTML 13Page - Cirrus Logic CS4385 Datasheet HTML 14Page - Cirrus Logic CS4385 Datasheet HTML 15Page - Cirrus Logic CS4385 Datasheet HTML 16Page - Cirrus Logic CS4385 Datasheet HTML 17Page - Cirrus Logic CS4385 Datasheet HTML 18Page - Cirrus Logic CS4385 Datasheet HTML 19Page - Cirrus Logic CS4385 Datasheet HTML 20Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 55 page
background image
16
DS671F2
CS4385
SWITCHING CHARACTERISTICS - DSD
Logic 0 = GND; Logic 1 = VLS; CL =20pF.
Parameter
Symbol
Min
Typ
Max
Unit
MCLK Duty Cycle
40
-
60
%
DSD_SCLK Pulse Width Low
tsclkl
160
-
-
ns
DSD_SCLK Pulse Width High
tsclkh
160
-
-
ns
DSD_SCLK Frequency
(64x Oversampled)
(128x Oversampled)
1.024
2.048
-
-
3.2
6.4
MHz
MHz
DSD_A / _B valid to DSD_SCLK rising setup time
tsdlrs
20
-
-
ns
DSD_SCLK rising to DSD_A or DSD_B hold time
tsdh
20
-
-
ns
DSD clock to data transition (Phase Modulation Mode)
tdpm
-20
-
20
ns
sclkh
t
sclkl
t
DSDxx
DSD_SCLK
sdlrs
t
sdh
t
Figure 3. Direct Stream Digital - Serial Audio Input Timing
dpm
t
DSDxx
DSD_SCLK
(64Fs)
DSD_SCLK
(128Fs)
dpm
t
Figure 4. Direct Stream Digital - Serial Audio Input Timing for Phase Modulation Mode



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com