Electronic Components Datasheet Search
  English  ▼

X  

CS4385 Datasheet(PDF) 32 Page - Cirrus Logic

Part # CS4385
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385 Datasheet(HTML) 32 Page - Cirrus Logic

Back Button CS4385 Datasheet HTML 28Page - Cirrus Logic CS4385 Datasheet HTML 29Page - Cirrus Logic CS4385 Datasheet HTML 30Page - Cirrus Logic CS4385 Datasheet HTML 31Page - Cirrus Logic CS4385 Datasheet HTML 32Page - Cirrus Logic CS4385 Datasheet HTML 33Page - Cirrus Logic CS4385 Datasheet HTML 34Page - Cirrus Logic CS4385 Datasheet HTML 35Page - Cirrus Logic CS4385 Datasheet HTML 36Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 32 / 55 page
background image
32
DS671F2
CS4385
4.12.2
Software Mode
1.
Hold RST low until the power supply is stable, and the master and left/right clocks are locked to the
appropriate frequencies, as discussed in Section 4.1. In this state, the registers are reset to the default
settings, FILT+ will remain low, and VQ will be connected to VA/2.
2.
Bring RST high. The device will remain in a low power state with FILT+ low for 512 LRCK cycles in
Single-Speed Mode (1024 LRCK cycles in Double-Speed Mode, and 2048 LRCK cycles in Quad-
Speed Mode).
3.
In order to reduce the chances of clicks and pops, perform a write to the CP_EN bit prior to the
completion of approximately 512 LRCK cycles in Single-Speed Mode (1024 LRCK cycles in Double-
Speed Mode, and 2048 LRCK cycles in Quad-Speed Mode). The desired register settings can be
loaded while keeping the PDN bit set to 1. Set the RMP_UP and RMP_DN bits to 1; then set the
format and mode control bits to the desired settings.
If more than the stated range of LRCK cycles passes before CPEN bit is written, the chip will enter
Hardware Mode and begin to operate with the M0-M4 as the mode settings. CPEN bit may be written
at anytime, even after the Hardware sequence has begun. It is advised that if the CPEN bit cannot be
set in time, the SDINx pins should remain static low (this way no audio data can be converted
incorrectly by the Hardware Mode settings).
4.
Set the PDN bit to 0. This will initiate the power-up sequence, which lasts approximately 50 µs.
4.13
Recommended Procedure for Switching Operational Modes
For systems where the absolute minimum in clicks and pops is required, it is recommended that the MUTE
bits are set prior to changing significant DAC functions (such as changing sample rates or clock sources).
The mute bits may then be released after clocks have settled and the proper modes have been set.
It is required to have the device held in reset if the minimum high/low time specs of MCLK cannot be met
during clock source changes.
4.14
Control Port Interface
The control port is used to load all the internal register settings in order to operate in Software Mode (see
Section 7. “Filter Plots” on page 48). The operation of the control port may be completely asynchronous with
the audio sample rate. However, to avoid potential interference problems, the control port pins should re-
main static if no operation is required.
The control port operates in one of two modes: I²C or SPI.
4.14.1
MAP Auto Increment
The device has MAP (memory address pointer) auto-increment capability enabled by the INCR bit (also
the MSB) of the MAP. If INCR is set to 0, MAP will stay constant for successive I²C writes or reads and
SPI writes. If INCR is set to 1, MAP will auto-increment after each byte is written, allowing block reads or
writes of successive registers.
4.14.2
I²C Mode
In the I²C Mode, data is clocked into and out of the bi-directional serial control data line, SDA, by the serial
control port clock, SCL (see Figure 26 for the clock to data relationship). There is no CS pin. The AD0 pin
enables the user to alter the chip address (001100[AD0][R/W]) and should be tied to VLC or GND, as re-
quired, before powering up the device. If the device ever detects a high-to-low transition on the AD0/CS
pin after power-up, SPI Mode will be selected.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com