Electronic Components Datasheet Search
  English  ▼

X  

CS4385 Datasheet(PDF) 18 Page - Cirrus Logic

Part # CS4385
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385 Datasheet(HTML) 18 Page - Cirrus Logic

Back Button CS4385 Datasheet HTML 14Page - Cirrus Logic CS4385 Datasheet HTML 15Page - Cirrus Logic CS4385 Datasheet HTML 16Page - Cirrus Logic CS4385 Datasheet HTML 17Page - Cirrus Logic CS4385 Datasheet HTML 18Page - Cirrus Logic CS4385 Datasheet HTML 19Page - Cirrus Logic CS4385 Datasheet HTML 20Page - Cirrus Logic CS4385 Datasheet HTML 21Page - Cirrus Logic CS4385 Datasheet HTML 22Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 55 page
background image
18
DS671F2
CS4385
SWITCHING CHARACTERISTICS - CONTROL PORT - SPI FORMAT
Inputs: Logic 0 = GND, Logic 1 = VLC, CL =20pF.
Notes:
19. tspi is only needed before first falling edge of CS after RST rising edge. tspi = 0 at all other times.
20. Data must be held for sufficient time to bridge the transition time of CCLK.
21. For FSCK < 1 MHz.
Parameter
Symbol
Min
Max
Unit
CCLK Clock Frequency
fsclk
-6
MHz
RST Rising Edge to CS Falling
tsrs
500
-
ns
CCLK Edge to CS Falling
(Note 19)
tspi
500
-
ns
CS High Time Between Transmissions
tcsh
1.0
-
µs
CS Falling to CCLK Edge
tcss
20
-
ns
CCLK Low Time
tscl
66
-
ns
CCLK High Time
tsch
66
-
ns
CDIN to CCLK Rising Setup Time
tdsu
40
-
ns
CCLK Rising to DATA Hold Time
(Note 20)
tdh
15
-
ns
Rise Time of CCLK and CDIN
(Note 21)
tr2
-
100
ns
Fall Time of CCLK and CDIN
(Note 21)
tf2
-
100
ns
t r2
t f2
t dsu t dh
t sch
t scl
CS
CCLK
CDIN
t css
t csh
t spi
t srs
RST
Figure 6. Control Port Timing - SPI Format



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com