Electronic Components Datasheet Search
  English  ▼

X  

CS4385 Datasheet(PDF) 29 Page - Cirrus Logic

Part # CS4385
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385 Datasheet(HTML) 29 Page - Cirrus Logic

Back Button CS4385 Datasheet HTML 25Page - Cirrus Logic CS4385 Datasheet HTML 26Page - Cirrus Logic CS4385 Datasheet HTML 27Page - Cirrus Logic CS4385 Datasheet HTML 28Page - Cirrus Logic CS4385 Datasheet HTML 29Page - Cirrus Logic CS4385 Datasheet HTML 30Page - Cirrus Logic CS4385 Datasheet HTML 31Page - Cirrus Logic CS4385 Datasheet HTML 32Page - Cirrus Logic CS4385 Datasheet HTML 33Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 29 / 55 page
background image
DS671F2
29
CS4385
4.9
Grounding and Power Supply Arrangements
As with any high-resolution converter, the CS4385 requires careful attention to power supply and grounding
arrangements if its potential performance is to be realized. The Typical Connection Diagram shows the rec-
ommended power arrangements, with VA, VD, VLC, and VLS connected to clean supplies. If the ground
planes are split between digital ground and analog ground, the GND pins of the CS4385 should be connect-
ed to the analog ground plane.
All signals, especially clocks, should be kept away from the FILT+ and VQ pins in order to avoid unwanted
coupling into the DAC.
4.9.1
Capacitor Placement
Decoupling capacitors should be placed as close to the DAC as possible, with the low value ceramic ca-
pacitor being the closest. To further minimize impedance, these capacitors should be located on the same
layer as the DAC. If desired, all supply pins with similar voltage ratings may be connected to the same
supply, but a decoupling capacitor should still be placed on each supply pin.
Notes:
All decoupling capacitors should be referenced to ground.
The CDB4385 evaluation board demonstrates the optimum layout and power supply arrangements.
4.10
Analog Output and Filtering
The application note “Design Notes for a 2-Pole Filter with Differential Input” discusses the second-order
Butterworth filter and differential to single-ended converter which was implemented on the CS4385 evalua-
tion board, CDB4385, as seen in Figure 24. The CS4385 does not include phase or amplitude compensa-
tion for an external filter. Therefore, the DAC system phase and amplitude response will be dependent on
the external analog circuitry. The off-chip filter has been designed to attenuate the typical full-scale output
level to below 2 Vrms.
Figure 23 shows how the full-scale differential analog output level specification is derived.
AOUT+
AOUT-
Full-Scale Output Level= (AOUT+) - (AOUT-)= 6.6 Vpp
4.15 V
2.5 V
0.85 V
4.15 V
2.5 V
0.85 V
Figure 23. Full-Scale Output



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com