Electronic Components Datasheet Search
  English  ▼

X  

CS4385 Datasheet(PDF) 45 Page - Cirrus Logic

Part # CS4385
Description  114 dB, 192 kHz 8-Channel D/A Converter
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4385 Datasheet(HTML) 45 Page - Cirrus Logic

Back Button CS4385 Datasheet HTML 41Page - Cirrus Logic CS4385 Datasheet HTML 42Page - Cirrus Logic CS4385 Datasheet HTML 43Page - Cirrus Logic CS4385 Datasheet HTML 44Page - Cirrus Logic CS4385 Datasheet HTML 45Page - Cirrus Logic CS4385 Datasheet HTML 46Page - Cirrus Logic CS4385 Datasheet HTML 47Page - Cirrus Logic CS4385 Datasheet HTML 48Page - Cirrus Logic CS4385 Datasheet HTML 49Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 45 / 55 page
background image
DS671F2
45
CS4385
6.10
Mixing Control (address 0Ah, 0Dh, 10h, 13h)
6.10.1
De-Emphasis Control (PX_DEM1:0)
Default = 00
00 - Disabled
01 - 44.1 kHz
10 - 48 kHz
11 - 32 kHz
Function:
Selects the appropriate digital filter to maintain the standard 15
μs/50 μs digital de-emphasis filter re-
sponse at 32, 44.1 or 48 kHz sample rates. (see Figure 20)
De-emphasis is only available in Single-Speed Mode.
6.10.2
ATAPI Channel Mixing and Muting (ATAPI)
Default = 01001 - AOUTAx=aL, AOUTBx=bR (Stereo)
Function:
The CS4385 implements the channel-mixing functions of the ATAPI CD-ROM specification. The ATAPI
functions are applied per A-B pair. Refer to Table 9 and Figure 21 for additional information.
7
65
432
10
Reserved
Px_DEM1
Px_DEM0
PxATAPI4
PxATAPI3
PxATAPI2
PxATAPI1
PxATAPI0
00
00
10
01
ATAPI4
ATAPI3
ATAPI2
ATAPI1
ATAPI0
AOUTAx
AOUTBx
00
000
MUTE
MUTE
00
001
MUTE
bR
00
010
MUTE
bL
0
0
0
1
1
MUTE
b[(L+R)/2]
00
100
aR
MUTE
00
101
aR
bR
00
110
aR
bL
00
111
aR
b[(L+R)/2]
01
000
aL
MUTE
01
001
aL
bR
01
010
aL
bL
0
1
0
1
1
aL
b[(L+R)/2]
01
100
a[(L+R)/2]
MUTE
0
1
1
0
1
a[(L+R)/2]
bR
0
1
1
1
0
a[(L+R)/2]
bL
0
1
1
1
1
a[(L+R)/2]
b[(L+R)/2]
10
000
MUTE
MUTE
10
001
MUTE
bR
10
010
MUTE
bL
Table 9. ATAPI Decode Table



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com