Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 48 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 48 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 44Page - Cirrus Logic CS4525 Datasheet HTML 45Page - Cirrus Logic CS4525 Datasheet HTML 46Page - Cirrus Logic CS4525 Datasheet HTML 47Page - Cirrus Logic CS4525 Datasheet HTML 48Page - Cirrus Logic CS4525 Datasheet HTML 49Page - Cirrus Logic CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 48 / 98 page
background image
48
DS726PP3
CS4525
6.1.8.3
Recommended PWM_SIG Power-Up Sequence for Headphone & Line-
Out
1.
Set the PDnAll bit in the Power Ctrl register to stop the PWM modulators if it is not already set.
2.
Configure the PWM_SIG outputs as desired via the PWMDSel[1:0] bits in the Output Cfg register.
3.
Clear the PDnAll bit in the Power Ctrl register to start the PWM modulators.
4.
Wait 500 ms to allow the internal sample rate converters to achieve lock.
5.
Set the HiZPSig bit in the EQ Config register to activate the PWM_SIG outputs.
6.1.8.4
Recommended PWM_SIG Power-Down Sequence for Headphone &
Line-Out
1.
Mute the PWM_SIG outputs to a 50% duty-cycle by either setting Master Volume to 1111 1111h
(Master Mute) or through use of the HP_DETECT/MUTE input pin as described in the Headphone
Detection & Hardware Mute Input section on page 51.
2.
Clear the HiZPSig bit in the EQ Config register to put the PWM_SIG output drivers in a high-imped-
ance state.
3.
Power down the remainder of the system (if applicable).
Referenced Control
Register Location
PDnAll ................................. “Power Down (PDnAll)” on page 89
HiZPSig ............................... “Hi-Z PWM_SIG Outputs (HiZPSig)” on page 79
PWMDSel[1:0]..................... “PWM Signals Output Data Select (PWMDSel[1:0])” on page 73
Master Volume .................... “Master Volume Control (MVol[7:0])” on page 82



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com