Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 23 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 23 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 19Page - Cirrus Logic CS4525 Datasheet HTML 20Page - Cirrus Logic CS4525 Datasheet HTML 21Page - Cirrus Logic CS4525 Datasheet HTML 22Page - Cirrus Logic CS4525 Datasheet HTML 23Page - Cirrus Logic CS4525 Datasheet HTML 24Page - Cirrus Logic CS4525 Datasheet HTML 25Page - Cirrus Logic CS4525 Datasheet HTML 26Page - Cirrus Logic CS4525 Datasheet HTML 27Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 23 / 98 page
background image
DS726PP3
23
CS4525
XTI SWITCHING SPECIFICATIONS
Notes:
15. External crystal oscillator mode only available in Software Mode.
SYS_CLK SWITCHING SPECIFICATIONS
AGND = DGND = PGND = 0 V; TA = 25°C; VD = 3.3 V; Input: Logic 0 = DGND; Logic 1 = VD, SYS_CLK Output:
CL =20pF.
Notes:
16. ClkFreq[1:0] = ‘10’ mode only in Software Mode. See “Clock Frequency (ClkFreq[1:0])” on page 69
for software mode configuration settings. See “System Clocking” on page 54 for hardware mode
configuration settings.
PWM_SIGX SWITCHING SPECIFICATIONS
AGND = DGND = PGND = 0 V; TA = 25°C; VD = 3.3 V; Load = 10 pF.
Parameter
Symbol
Min
Typ
Max
Unit
External Crystal Operating Frequency
ClkFreq[1:0] = ‘00’
(Notes 15, 16)
ClkFreq[1:0] = ‘01’
ClkFreq[1:0] = ‘10’
FCLK
18.240
24.330
26.730
18.432
24.576
27.000
18.617
24.822
27.270
MHz
MHz
MHz
XTI Duty Cycle
45
50
55
%
Parameter
Symbol
Min
Typ
Max
Unit
External Clock Operating Frequency
ClkFreq[1:0] = ‘00’
(Note 16)
ClkFreq[1:0] = ‘01’
ClkFreq[1:0] = ‘10’
FCLK
18.240
24.330
26.730
18.432
24.576
27.000
18.617
24.822
27.270
MHz
MHz
MHz
Rising Edge RST to start of SYS_CLK
tsclko
-
1024*tsclki
-
SYS_CLK Period
tsclki
37.04
-
54.25
ns
SYS_CLK Duty Cycle
45
50
55
%
SYS_CLK high time
tclkih
16.67
-
29.84
ns
SYS_CLK low time
tclkil
16.67
-
29.84
ns
Parameter
Symbol
Min
Typ
Max
Unit
Rise Time of PWM_SIGx
tr
-2.1
-
ns
Fall Time of PWM_SIGx
tf
-1.4
-
ns
SYS_CLK
___
RST
(output)
tsclko
Figure 9. SYS_CLK Timing from Reset
PWM_SIGx
tr
tf
Figure 10. PWM_SIGX Timing



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com