Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 56 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 56 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 52Page - Cirrus Logic CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic CS4525 Datasheet HTML 59Page - Cirrus Logic CS4525 Datasheet HTML 60Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 56 / 98 page
background image
56
DS726PP3
CS4525
6.2.5
Digital Signal Flow
In hardware mode, the CS4525 operates as a 2-channel full-bridge PWM amplifier with analog or digital
inputs. Both the PWM outputs and the auxiliary serial outputs are unavailable in hardware mode. To pro-
tect against over-temperature conditions, thermal foldback is included for the internal power stages.
The digital signal flow is shown in Figure 24 below.
Figure 24. Hardware Mode Digital Signal Flow
6.2.5.1
High-Pass Filter
The CS4525 includes a high-pass filter at the beginning of the digital signal processing chain to remove
any DC content from the input signal prior to the remaining internal digital signal processing blocks. The
high-pass filter operates by continuously subtracting a measure of the DC offset from the input signal; it
is always enabled.
6.2.5.2
Mute Control
The CS4525 includes a dedicated MUTE input pin. When low, the PWM outputs will output silence as
modulated signal. When high, the selected input source will be presented at the amplifier outputs.
It should be noted that the auto-mute, soft-ramp, and zero-crossing detection features are active in hard-
ware mode.
6.2.5.3
Warning and Error Reporting
The CS4525 is capable of reporting various error and warning conditions on its TWR, ERROC, and ER-
RUVTE pins.
•The TWR pin indicates the presence of a thermal warning condition. When active concurrently with the
ERRUVTE pin, indicates a thermal error condition.
•
The ERROC pin indicates the presence of an over-current condition on one or both of the output chan-
nels.
•
The ERRUVTE pin indicates the presence of a VP undervoltage condition. When active concurrently
with the TWR pin, indicates a thermal error condition.
The trigger point for each warning and error condition is defined in the PWM Power Output Characteristics
table on page 20. Each pin implements an active-low open-drain driver and requires an external pull-up
for proper operation.
Left
Full-Bridge
Amplifier
Output
Sample
Rate
Converter
PWM
Modulator
Sample
Rate
Converter
PWM
Modulator
Thermal Foldback
Temp & Current
Sense
ADC/SP
Stereo
Analog In
Serial Audio
Clocks & Data
I²S/LJ
Serial Audio
Input Port
Multi-Bit
∆Σ ADC
EN_TFB
Right
Full-Bridge
Amplifier
Output
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
Gate
Drive
Power
Stage
TWR
ERROC
ERRUVTE
MUTE
+3dB
+3dB



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com