Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 54 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 54 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 50Page - Cirrus Logic CS4525 Datasheet HTML 51Page - Cirrus Logic CS4525 Datasheet HTML 52Page - Cirrus Logic CS4525 Datasheet HTML 53Page - Cirrus Logic CS4525 Datasheet HTML 54Page - Cirrus Logic CS4525 Datasheet HTML 55Page - Cirrus Logic CS4525 Datasheet HTML 56Page - Cirrus Logic CS4525 Datasheet HTML 57Page - Cirrus Logic CS4525 Datasheet HTML 58Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 54 / 98 page
background image
54
DS726PP3
CS4525
6.2
Hardware Mode
A limited feature set is available when the CS4525 powers up in hardware mode. The available features are
described in the following sections. All device configuration is achieved via hardware control input pins.
6.2.1
System Clocking
In hardware mode, the CS4525 must be clocked by a stable external clock source input on the SYS_CLK
pin. This input clock is used to synchronize the input serial audio signals with the internal clock domain
and to clock the internal digital processing, sample-rate converter, and PWM modulators. It is also used
to determine the sample rate of the serial audio input signals in order to automatically configure the vari-
ous internal filter coefficients.
To ensure proper operation, the CS4525 must be informed of the nominal frequency of the supplied
SYS_CLK signal via the ClkFreq0 hardware control pin. This pin must be set to the appropriate level be-
fore the RST signal is released to initiate a power-up sequence. The ClkFreq1 pin must always be con-
nected to DGND. The nominal clock frequencies indicated by the state of the ClkFreq0 pin are shown in
Table 13 below. See the SYS_CLK Switching Specifications table on page 23 for complete input frequen-
cy range specifications.
WARNING: The SYS_CLK signal must never be removed or stopped while the RST pin is high and any
of the power output stages are connected to a load. Doing so may result in permanent damage to the
CS4525 and connected transducers.
Figure 22 below demonstrates a typical clocking configuration using the SYS_CLK input.
6.2.2
Power-Up and Power-Down
The CS4525 will remain in a completely powered-down state until the RST pin is brought high.
6.2.2.1
Power-Up Sequence
1.
Apply the SYS_CLK signal.
2.
Hold RST low until the power supplies and the input SYS_CLK signal are stable.
3.
Bring RST high.
Hardware mode will be entered after approximately 10 ms.
ClkFreq1
ClkFreq0
Nominal SYS_CLK Frequency
Low
Low
18.432 MHz
Low
High
24.576 MHz
Table 13. SYS_CLK Frequency Selection
SYS_CLK
RST
DSP
Reset_Out
Clock_In
Clock
XTI
XTO
Figure 22. Typical SYS_CLK Input Clocking Configuration
CS4525



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com