Electronic Components Datasheet Search
  English  ▼

X  

CS4525 Datasheet(PDF) 77 Page - Cirrus Logic

Part # CS4525
Description  30 W Digital Audio Amplifier with Integrated ADC
PDF  98 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  CIRRUS [Cirrus Logic]
Direct Link  http://www.cirrus.com
Logo CIRRUS - Cirrus Logic

CS4525 Datasheet(HTML) 77 Page - Cirrus Logic

Back Button CS4525 Datasheet HTML 73Page - Cirrus Logic CS4525 Datasheet HTML 74Page - Cirrus Logic CS4525 Datasheet HTML 75Page - Cirrus Logic CS4525 Datasheet HTML 76Page - Cirrus Logic CS4525 Datasheet HTML 77Page - Cirrus Logic CS4525 Datasheet HTML 78Page - Cirrus Logic CS4525 Datasheet HTML 79Page - Cirrus Logic CS4525 Datasheet HTML 80Page - Cirrus Logic CS4525 Datasheet HTML 81Page - Cirrus Logic Next Button
Zoom Inzoom in Zoom Outzoom out
 77 / 98 page
background image
DS726PP3
77
CS4525
9.7.3
Digital Signal Processing High-Pass Filter (EnDigHPF)
Default = 0
Function:
Controls the operation of the digital signal processing high-pass filter. See “Digital Signal Processing
High-Pass Filter” on page 30 for more information.
9.7.4
Treble Corner Frequency (TrebFc[1:0])
Default = 00
Function:
Sets the corner frequency for the treble shelving filter as shown below.
9.7.5
Bass Corner Frequency (BassFc[1:0])
Default = 01
Function:
Sets the corner frequency for the bass shelving filter as shown below.
9.7.6
Tone Control Enable (EnToneCtrl)
Default = 0
Function:
When set, enables the bass and treble shelving filters. When cleared, disables the bass and treble shelv-
ing filters.
EnDigHPF Setting
Digital Signal Processing High-Pass Filter State
0 .......................................... Digital signal processing high-pass filter disabled.
1 .......................................... Digital signal processing high-pass filter enabled.
TrebFc[1:0] Setting
Treble Corner Frequency
00 ........................................ Selects Treble Fc 0 - Approximately 5 kHz
01 ........................................ Selects Treble Fc 1 - Approximately 7 kHz
10 ........................................ Selects Treble Fc 2 - Approximately 10 kHz
11......................................... Selects Treble Fc 3 - Approximately 15 kHz
BassFc[1:0] Setting
Bass Corner Frequency
00 ........................................ Selects Bass Fc 0 - Approximately 50 Hz
01 ........................................ Selects Bass Fc 1 - Approximately 100 Hz
10 ........................................ Selects Bass Fc 2 - Approximately 200 Hz
11......................................... Selects Bass Fc 3 - Approximately 250 Hz
EnToneCtrl Setting
Tone Control Filter State
0 .......................................... Bass and treble shelving filters disabled.
1 .......................................... Bass and treble shelving filters enabled.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com