Electronic Components Datasheet Search
  English  ▼

X  

AT88RF020 Datasheet(PDF) 7 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 7 Page - ATMEL Corporation

Back Button AT88RF020 Datasheet HTML 3Page - ATMEL Corporation AT88RF020 Datasheet HTML 4Page - ATMEL Corporation AT88RF020 Datasheet HTML 5Page - ATMEL Corporation AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation AT88RF020 Datasheet HTML 10Page - ATMEL Corporation AT88RF020 Datasheet HTML 11Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 14 page
background image
7
AT88RF020
2010C–RFID–2/06
Data Transfer
Commands
The following commands are supported for data transfer when the chip is in the ACTIVE
state (see ISO 14443-3, section 7.4.7). If the command is properly received (CRC cor-
rect, legal opcode and address, etc.), the chip will respond either with a NACK
command, an ACK command or data. Otherwise, the chip will silently wait for a proper
command. The chip supports additional commands as part of the anticollision sequenc-
ing; these commands are documented elsewhere in this data sheet. On-chip password
checking is required for most operations. The coding of these commands is described in
Table 3 and Table 4 on page 9.
Below is a description of the individual commands supported.
READ Command
The addressed 64-bit page referenced in the READ command is returned to the PCD.
The PICC will respond with the data if the address is correct, the page is readable and
the password has been sent; otherwise, it will respond with a NACK. Password checking
is not required to read Pages 0, 1 and 2, but all other pages require a previously exe-
cuted valid password check to read the chip. There is no byte read capability. Page 3
(the actual password) can never be read directly and is only accessed internally during
the PASSWORD command. The chip will NACK any attempt to read Page 3.
WRITE Command
The 64-bit memory page referenced in the WRITE command is written with the data that
follows the command byte. The chip ignores the upper 3 bits of the byte-wide memory
address and the lower five bits from the memory address.
If the target page cannot be written to because the page is read only or is locked, or if
the chip has not been properly opened to access with a valid password, then a NACK
command will be issued by the PICC. Otherwise, an ACK command will be transmitted
after the memory write operation has been completed.
Reader/writer modulation is prohibited during the memory write time, which is the time
period between the PCD’s EOF and the issuance of the PICC’s ACK command. This
period is less than 3 ms and is considered to be an extended TR0 wait interval, as per
ISO 14443.
Memory is never modified if a NACK command is issued. Pages 0 and 2 (PUPI, Lock-
Bits, Signature and Counter) cannot be written with this command. Addressing either
Page 0 or Page 2 within the WRITE command will result in a NACK command being
issued by the device.
LOCK Command
The LOCK command can be executed only after proper password validation has been
performed. The LOCK command locks the addressed memory location from future
changes. The memory location can still be read with proper password validation. The
last 31 bits of data within the LOCK command are logically ORed within the device with
the 31-bit value stored within the LockBits field of Page 0 (see Memory Map, Table 1 on
page 2). The result is then written back into the memory. After the memory has been
written, an ACK command will be transmitted. A NACK command is issued if the LOCK
command is attempted without previous password validation.
If power is interrupted during this write, all bits within LockBits may be set to “1”, and the
chip may be disabled. The first 33 bits of data sent within the command to the PICC are
ignored.
The bits within the LockBits field correspond to the pages within the memory and, if set
to “1”, prevent all future writes to the corresponding page; i.e., LockBits field bit 6 locks
Page 6 when it is set to a “1”. There is no mechanism to ever “unlock” a page, so once a
page is locked, it can never be unlocked and, as such, can never be modified. The 31-
bit LockBits field is set to all “0”s upon shipment from the factory. Bit 0 of the LockBits



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com