Electronic Components Datasheet Search
  English  ▼

X  

AT88RF020 Datasheet(PDF) 9 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 9 Page - ATMEL Corporation

Back Button AT88RF020 Datasheet HTML 5Page - ATMEL Corporation AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation AT88RF020 Datasheet HTML 10Page - ATMEL Corporation AT88RF020 Datasheet HTML 11Page - ATMEL Corporation AT88RF020 Datasheet HTML 12Page - ATMEL Corporation AT88RF020 Datasheet HTML 13Page - ATMEL Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 14 page
background image
9
AT88RF020
2010C–RFID–2/06
If the write cannot take place (because Counter has a value of 0x8000, Page 2 is locked
or no password has been sent), then a NACK command will be issued by the PICC; oth-
erwise, an ACK command will be transmitted after the write has completed.
Data Transfer
Command Formats
The first byte of each command includes the CID as the least significant nibble followed
by the command opcode (COP) as the most significant nibble. COP is encoded accord-
ing to Table 3.
All these commands consist of 12 bytes to be sent to the PICC by the PCD. CID is the
card ID byte as received by the PICC during the anticollision sequence. The address
field in the following chart is a 5-bit value, and the device ignores the most significant
three bits of the byte. Therefore, the device will interpret a value of 0xFF as 0x1F.
The command bytes are shown in Table 4.
Table 3. Command Summary
LSB
MSB
Command
Description
0010
READ
64-bit page from memory
1100
WRITE
64-bit page to memory
0100
LOCK
Data is ORed with existing LockBits value
0110
CHECK PASSWORD
0101
DESELECT
0111
COUNT
Table 4. Command Bytes
Commands
1st Byte
2nd Byte
3rd–10th Bytes
11th Byte
12th Byte
READ
CID | 0x4
Address
Ignored
CRC_0
CRC_1
WRITE
CID | 0x3
Address
64 bits data
CRC_0
CRC_1
LOCK
CID | 0x2
Ignored
32 bits ignored, 32 bits data
CRC_0
CRC_1
CHECK PASSWORD
CID | 0x6
Ignored
64 bits data
CRC_0
CRC_1
DESELECT
CID | 0xA
Ignored
Ignored
CRC_0
CRC_1
COUNT
CID | 0xE
Ignored
16 bits ignored, 48 bits data
CRC_0
CRC_1



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com