Electronic Components Datasheet Search
  English  ▼

X  

AT88RF020 Datasheet(PDF) 10 Page - ATMEL Corporation

Part # AT88RF020
Description  13.56 MHz, 2048-bit RFID EEPROM
PDF  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  ATMEL [ATMEL Corporation]
Direct Link  http://www.atmel.com
Logo ATMEL - ATMEL Corporation

AT88RF020 Datasheet(HTML) 10 Page - ATMEL Corporation

Back Button AT88RF020 Datasheet HTML 6Page - ATMEL Corporation AT88RF020 Datasheet HTML 7Page - ATMEL Corporation AT88RF020 Datasheet HTML 8Page - ATMEL Corporation AT88RF020 Datasheet HTML 9Page - ATMEL Corporation AT88RF020 Datasheet HTML 10Page - ATMEL Corporation AT88RF020 Datasheet HTML 11Page - ATMEL Corporation AT88RF020 Datasheet HTML 12Page - ATMEL Corporation AT88RF020 Datasheet HTML 13Page - ATMEL Corporation AT88RF020 Datasheet HTML 14Page - ATMEL Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 14 page
background image
10
AT88RF020
2010C–RFID–2/06
A valid READ command response is a 12-byte frame sent from the PICC to the PCD
and is formatted as shown in Table 5.
Both the ACK and NACK responses consist of a 4-byte frame sent from the PICC to the
PCD and are formatted as shown in Table 6.
There are two parts to the second byte of the ACK and NACK response commands (see
Table 6): the most significant nibble and the least significant nibble.
For each command, the most significant nibble is not guaranteed, and therefore the
reader/writer should mask this field when assessing whether an ACK or a NACK has
been issued by the PICC. As indicated in Table 6, the least significant nibble of the sec-
ond byte will always be a “0” for an ACK and a “1” for a NACK.
For an ACK, the most significant nibble of the second byte will be undefined. For a
NACK, the most significant nibble of the second byte contains an error feedback code.
This error code represents the error that caused the NACK response command.
Electrical
This device includes a voltage reference to ensure that the chip operates only when the
power supply voltage on the chip is above a required level of 1.8 – 2.0 volts. Memory
writes are guaranteed above this voltage level. The on-chip regulator will ensure that the
VDD voltage will be within the range of 2.1 – 2.5 volts.
The chip is specified to operate over the temperature range of 0
°C to 70°C (junction
temperature). The coil pads (ac1 and ac2) offer ESD protection at levels greater than 2
kV.
The input capacitance of the coil pins will be 82 pf and may vary by ±10% over process,
temperature, voltage and frequency. Internal power supply bypass capacitance is inte-
grated on the chip.
Table 5. PICC Frame Format
Commands
1st Byte
2nd Byte
3rd–10th Bytes
11th Byte
12th Byte
READ
CID | 0x4
Address
64 bits data
CRC_0
CRC_1
Table 6. ACK and NACK
Description
1st Byte
2nd Byte
3rd Byte
4th Byte
ACK
CID | COP
0xX0
CRC_0
CRC_1
NACK
CID | COP
0xX1
CRC_0
CRC_1
Table 7. Error Codes
ACK/NACK 2nd Byte
Command Decode
XXXX
0000
ACK, no errors detected
00010001
NACK, attempted write to locked page
X
X
100001
NACK, terminal count reached or attempted
operation to invalid address
01000001
NACK, invalid password attempted
10000001
NACK, low-voltage condition detected



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com